Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU2006G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBU2006G
Description  GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU2006G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBU2006G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU2006G Datasheet HTML 2Page - HY ELECTRONIC CORP. KBU2006G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
KBU20005G thru KBU2010G
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 2, 16-Mar-2017
FIG.4– TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 25°
C
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
CASE TEMPERATURE (°C)
FIG. 2 – DERATING CURVE OUTPUT RECTIFIED CURRENT
50
20
10
5
0
15
100
150
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLETS AT 60Hz
1
10
100
0
350
200
150
100
50
250
300
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
100
10
0.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
100
10
0.1
1.0


Similar Part No. - KBU2006G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBU2006G HY-KBU2006G Datasheet
410Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU2006G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
   Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com