Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB8F Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # MB8F
Description  GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MB8F Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  MB8F Datasheet HTML 1Page - HY ELECTRONIC CORP. MB8F Datasheet HTML 2Page - HY ELECTRONIC CORP. MB8F Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
MB05F thru MB10F
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 2, 16-Mar-2017
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
140
0.01
0.1
0
20
40
60
80
100
120
1.0
10
100
TJ=125°C
TJ=25°C
1
4
10
100
100
10
1.0
REVERSE VOLTAGE, VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25°C,f=1MHZ
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, ℃
1.0
0.8
0.6
0.4
0.2
0.1
20
40
60
100
120
140
160
80
MOUNTED ON BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60HZ
FIG.2-MAXIMUM NON-REPETITVE
SURGE CURRENT
40
30
20
10
0
1
2
5
10
20
50
100
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
0.01
0.1
1.0
10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8


Similar Part No. - MB8F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB8F PACELEADER-MB8F Datasheet
241Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Kingtronics Internation...
MB8F KINGTRONICS-MB8F Datasheet
347Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
Shanghai Leiditech Elec...
MB8F LEIDITECH-MB8F Datasheet
1Mb / 3P
   Glass Passivated Die Construction
logo
Shenzhen Ping Sheng Ele...
MB8F PFS-MB8F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MB8F BILIN-MB8F Datasheet
254Kb / 3P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB8F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
   Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com