Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP801 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MP801
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MP801 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MP801 Datasheet HTML 1Page - HY ELECTRONIC CORP. MP801 Datasheet HTML 2Page - HY ELECTRONIC CORP. MP801 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload rating -200 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL MP8005
MP801
MP802
MP804
MP806
MP808
MP810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current at
TA=50℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 4.0A Peak
Maximum Reverse Current at Rated TJ=25℃
μA
DC Blocking Voltage Per Element
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
SILICON BRIDGE RECTIFIERS
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
-
50
to 1000Volts
FORWARD CURRENT
-
8.0
Amperes
Dimensions in inches and (milimeters)
Polarity shown on side of case, Positive lead by beveled corner.
IFSM
V
1.0
-55 to +150
-55 to +150
MP8005 thru MP810
A
IR
10.0
1.0
VF
I(AV)
200
A
8.0
MP8
MIN
(19.0)
.750
.307(7.8)
.267(6.8)
HOLE FOR
NO.6 SCREW
.480(12.2)
.520(13.2)
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
DIA.
.052(1.3)
.048(1.2)
.520(13.2)
.480(12.2)
METAL HEAT SINK


Similar Part No. - MP801

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP801 DCCOM-MP801 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP801 GOOD-ARK-MP801 Datasheet
97Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP801 CHENG-YI-MP801 Datasheet
125Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP801 FORMOSA-MP801 Datasheet
112Kb / 6P
   Bridge Rectifier
logo
HY ELECTRONIC CORP.
MP801 HY-MP801 Datasheet
403Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - MP801

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com