Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS7835 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7835
Description  Quad TRI-STATE Bus Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7835 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7835 Datasheet HTML 1Page - National Semiconductor (TI) DS7835 Datasheet HTML 2Page - National Semiconductor (TI) DS7835 Datasheet HTML 3Page - National Semiconductor (TI) DS7835 Datasheet HTML 4Page - National Semiconductor (TI) DS7835 Datasheet HTML 5Page - National Semiconductor (TI) DS7835 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Input Voltage
55V
Output Voltage
55V
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate cavity package 101 mW C above 25 C derate molded package
118 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
DS7833DS7835
45
55
V
DS8833DS8835
475
525
V
Temperature (TA)
DS7833DS7835
b
55
a
125
C
DS8833DS8835
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DISABLEDRIVER INPUT
VIH
High Level Input Voltages
VCC e Min
20
V
VIL
Low Level Input Voltage
VCC e Min
DS7833 DS8833 DS8835
08
V
DS7835
07
IIH
High Level Input Current
VCC e Max
VIN e 24V
40
m
A
VIN e 55V
10
mA
IIL
Low Level Input Current
VCC e Max VIN e 04V
b
10
b
16
mA
VCL
Input Clamp Diode
VCC e 50V IIN eb12 mA TA e 25 C
b
08
b
15
V
IIT
Driver Low Level Disabled
Driver Disable Input e 20V VIN e 04V
b
40
m
A
Input Current
RECEIVER INPUTBUS OUTPUT
VTH
High Level Threshold Voltage
DS7833 DS7835
14
175
21
V
DS8833 DS8835
15
175
20
V
VTL
Low Level Threshold Voltage
DS7833 DS7835
08
135
16
V
DS8833 DS8835
08
135
15
V
IS
Bus Current Output Disabled
VBUS e 40V
VCC e Max
25
80
m
A
or High
VCC e 0V
50
80
m
A
VCC e Max VBUS e 04V
b
20
b
40
m
A
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb52 mA
DS7833 DS7835
24
275
V
IOUT eb104 mA DS8833 DS8835
24
275
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min
IOUT e 50 mA
028
05
V
IOUT e 32 mA
04
V
IOS
Output Short Circuit Current
VCC e Max (Note 4)
b
40
b
62
b
120
mA
RECEIVER OUTPUT
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb20 mA
DS7833 DS7835
24
30
V
IOUT eb52 mA
DS8833 DS8835
24
29
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min IOUT e 16 mA
022
04
V
IOT
Output Disabled Current
VCC e Max Disable VOUT e 24V
40
m
A
Inputs e 20V
VOUT e 04V
b
40
m
A
http
www nationalcom
2


Similar Part No. - DS7835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
DS7830J NSC-DS7830J Datasheet
181Kb / 7P
   Dual Differential Line Driver
DS7830J/883 NSC-DS7830J/883 Datasheet
181Kb / 7P
   Dual Differential Line Driver
DS7830W/883 NSC-DS7830W/883 Datasheet
181Kb / 7P
   Dual Differential Line Driver
DS7831 NSC-DS7831 Datasheet
232Kb / 11P
   Dual TRI-STATE Line Driver
More results

Similar Description - DS7835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7834 NSC-DS7834 Datasheet
132Kb / 6P
   Quad TRI-STATE Bus Transceivers
logo
Hitachi Semiconductor
HD74HC242 HITACHI-HD74HC242 Datasheet
60Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
National Semiconductor ...
54F243 NSC-54F243 Datasheet
133Kb / 6P
   Quad Bus Transceiver with TRI-STATE Outputs
logo
Hitachi Semiconductor
HD74HCT242 HITACHI-HD74HCT242 Datasheet
57Kb / 8P
   Quad. Bus Transceivers (with 3-state outputs)
logo
National Semiconductor ...
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
   18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
List of Unclassifed Man...
AM26S12 ETC-AM26S12 Datasheet
213Kb / 4P
   QUAD BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74HC243 RENESAS-HD74HC243 Datasheet
93Kb / 7P
   Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
National Semiconductor ...
54LS125 NSC-54LS125 Datasheet
122Kb / 6P
   Quad TRI-STATE Buffers
DM74125 NSC-DM74125 Datasheet
98Kb / 4P
   Quad TRI-STATE Buffers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com