Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

205AW7 Datasheet(PDF) 1 Page - Alpha Wire

Part # 205AW7
Description  M12-A Female 90 Degree 5 Pin Field Attachable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

205AW7 Datasheet(HTML) 1 Page - Alpha Wire

  205AW7 Datasheet HTML 1Page - Alpha Wire 205AW7 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 205 Series
M12-A Female 90 Degree 5 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
205AW7
0.157" – 0.315" (4.0 – 8.0 mm/SW 19))
Mechanical
Housing
PBT
Insert
PBT
Shell
Copper Alloy, Nickel Plated
Contact
Copper Alloy, Gold Plated
O-Ring
FKM
Connection
Screw Terminal
Max AWG
20 (0.75mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Nominal Voltage
60 V
Rated Voltage
63 V
Test Voltage
1.5 kV eff./60 s
Insulation Resistance
> 109
UL File
E485156
Environmental
Degree of Protection
IP 67/NEMA 6P
Operating Temperature
Range
-25C (-13F)/ +90C (+194F)


Similar Part No. - 205AW7

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
205 MARL-205 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
logo
List of Unclassifed Man...
205 ETC2-205 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
205-285 ETC2-205-285 Datasheet
176Kb / 2P
   Panel Mount Fixed Lamp LED
logo
Marl International Limi...
205-501-04-38 MARL-205-501-04-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205-501-20-38 MARL-205-501-20-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
More results

Similar Description - 205AW7

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
204 ALPHAWIRE-204 Datasheet
217Kb / 2P
   M12-A Female 90 Degree 4 Pin Field Attachable
209 ALPHAWIRE-209 Datasheet
211Kb / 2P
   M12-A Male 90 Degree 5 Pin Field Attachable
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
   M12-A Male 90 Degree 4 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
   M12-A Female 5 Pin Field Attachable
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
   M12-A Female 4 Pin Field Attachable
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
   M12-A Female 4 Pin Field Attachable
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
   M12-A Male 5 Pin Field Attachable
AW0400105 ALPHAWIRE-AW0400105 Datasheet
170Kb / 2P
   M12-A Female 90 Degree
AW1200125 ALPHAWIRE-AW1200125 Datasheet
184Kb / 2P
   M12-A Female 90 Degree
AW0300100 ALPHAWIRE-AW0300100 Datasheet
169Kb / 2P
   M12-A Female 90 Degree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com