Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR04AR117 Datasheet(PDF) 1 Page - Alpha Wire

Part # AR04AR117
Description  M12 Female to M12 Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

AR04AR117 Datasheet(HTML) 1 Page - Alpha Wire

  AR04AR117 Datasheet HTML 1Page - Alpha Wire AR04AR117 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: AR04AR117
M12 Female to M12 Female
Drawings
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
117
Component
2 PAIR
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.008” Wall, Nom. Polyolefin
0.040
Insulation Colors
White/Orange - Orange, White/Green -
Green
c) Pair
2/Cond Cabled Together, Staggered Lays
Cable Assembly
2 Components Cabled
a) Twists
4.8 Twists/foot (min)
Jacket
0.035” Wall, Nom. TPE
0.246
a) Color(s)
TEAL
Cord Configuration
End 1
M12 Female
End 2
M12 Female
Insert
Black TPU
Molded Body
Black TPU
Contact
Copper Alloy, gold plated
Coupling Nut
Copper Alloy, nickel plated
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
CMR
75°C
CSA International
CMG
75°C
Applicable Specifications-
Cord Set


Similar Part No. - AR04AR117

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR0400101 ALPHAWIRE-AR0400101 Datasheet
160Kb / 2P
   M12-A Female
AR0400105 ALPHAWIRE-AR0400105 Datasheet
160Kb / 2P
   M12-A Female
logo
YAGEO Corporation
AR0402FR-07100RL YAGEO-AR0402FR-07100RL Datasheet
439Kb / 9P
   CHIP RESISTORS WITH NI/AU TERMINATIONS
AR0402FR-0710RL YAGEO-AR0402FR-0710RL Datasheet
439Kb / 9P
   CHIP RESISTORS WITH NI/AU TERMINATIONS
AR0402FR-071KL YAGEO-AR0402FR-071KL Datasheet
439Kb / 9P
   CHIP RESISTORS WITH NI/AU TERMINATIONS
More results

Similar Description - AR04AR117

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR04AR117 ALPHAWIRE-DR04AR117 Datasheet
314Kb / 2P
   M12 Male to M12 Female
DR08AR124 ALPHAWIRE-DR08AR124 Datasheet
222Kb / 3P
   M12-A Male to M12-A Female
DR05AR102 ALPHAWIRE-DR05AR102 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female
DR04AR105 ALPHAWIRE-DR04AR105 Datasheet
151Kb / 2P
   M12-A Male to M12-A Female
DR05AR106 ALPHAWIRE-DR05AR106 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female
DR08AR103 ALPHAWIRE-DR08AR103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female
DR08AR123 ALPHAWIRE-DR08AR123 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
   M12 Male to 2X M12 Female Splitter
DR03AR100 ALPHAWIRE-DR03AR100 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female
DR03AR104 ALPHAWIRE-DR03AR104 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com