Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7583IRZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7583IRZ-T7
Description  3-Channel DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7583IRZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7583IRZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7583IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin Descriptions I = Input, O = Output, S = Supply
PIN NUMBER
PIN NAME
PIN TYPE
PIN FUNCTION
1
VSSB
S
Ground for DC/DC boost and reference circuits; chip substrate
2
SS
I
Soft-start input; the capacitor connected to this pin sets the current limited start time
3
FBB
I
Voltage feedback input for boost circuit; determines boost output voltage, VBOOST
4
VDDB
S
Positive supply input for DC/DC boost circuits
5
LX
O
Boost regulator inductor drive connected to drain of internal NFET
6
LX
O
Boost regulator inductor drive connected to drain of internal NFET
7
LX
O
Boost regulator inductor drive connected to drain of internal NFET
8
DRVN
O
Driver output for the external generation of negative charge pump voltage, VOFF
9
VDDN
S
Positive supply for input for VOFF generator
10
FBN
I
Voltage feedback input to determine negative charge pump output, VOFF
11
VSSP
S
Negative supply pin for both the positive and negative charge pumps
12
FBP
I
Voltage feedback to determine positive charge pump output, VON
13
VDDP
S
Positive supply input for VON generator
14
DRVP
O
Voltage driver output for the external generation of positive charge pump, VON
15
PGND
O
Power ground, connected to source of internal NFET
16
PGND
O
Power ground, connected to source of internal NFET
17
VREF
I
Voltage reference for charge pump circuits; decouple to ground
18
ENBN
I
Enable pin for boost (VBOOST generation) and negative charge pump (VOFF generation);
active high
19
ENP
I
Enable for DRVP (VON generation); active high
20
ROSC
I
Connected to an external resistor to ground; sets the switching frequency of the DC/DC
boost
4
FN7335.3
February 4, 2005
EL7583


Similar Part No. - EL7583IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7583IR RENESAS-EL7583IR Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7583IR-T13 INTERSIL-EL7583IR-T13 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
More results

Similar Description - EL7583IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581 Datasheet
839Kb / 17P
   3-Channel DC-DC Converter
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583_06 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com