Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5609MTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5609MTCX
Description  LED Driver with Adaptive Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5609MTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5609MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
FAN5609
REV. 1.0.2 5/30/03
3
Absolute Maximum Ratings
Recommended Operating Conditions
DC Electrical Characteristics
Note:
1. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model)
Parameter
Min
Max
Unit
VIN, VOUT, A, B Voltage to GND
-0.3
6.0
V
CAP+, CAP-, to GND
-0.3
VIN + 0.3
V
VOUT Short Circuit Duration
INDEFINITE
Lead Soldering Temperature (10 seconds)
300
°C
Operating Junction Temperature Range
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge Protection Level (Note 1)
HBM
4
kV
CDM
2
Parameter
Min
Typ
Max
Unit
Input Voltage Range, VIN
2.7
5.5
V
Operating Ambient Temperature Range
-40
25
85
°C
Unless otherwise noted, VIN =3V to 5.5V, TA = 25°C. Refer to “Test Circuit”. Boldface values indicate specifications
over the ambient operating temperature range.
Parameter
Conditions
Min.
Typ.
Max.
Units
Quiescent Current
VOUT = 5.5V,
No Load
1.5
4
mA
Output Current Accuracy
INOM = 20mA
A = High
B = High
17
20
23
mA
LED to LED Current Matching
VIN = 5.5V
A = B = High
-5
+5
%
Efficiency
VIN = 4.5V
85 to75
%
VIN = 3V
65 to 55
Input A, B Threshold
Low
0
0.3
× VIN
V
High
0.6
× VIN
VIN
VIN at Configuration
Change
From 1:1 to 3:2
4.2
V
From 3:2 to 2:1
3.6
Oscillator Frequency
0.80
1
1.2
MHz
Supply Current, "OFF Mode"
2
µA


Similar Part No. - FAN5609MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5609MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com