Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5609MTCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5609MTCX
Description  LED Driver with Adaptive Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5609MTCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5609MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5609MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRODUCT SPECIFICATION
FAN5609
REV. 1.0.2 5/30/03
5
Shutdown and Short Circuit Current Limit
Set both DAC inputs low to shut down the device. Built-in
short circuit protection limits the supply current to a maxi-
mum of 50mA.
Digital Control
A digital-to-analog converter (DAC) allows selection of the
following modes: OFF, 7mA, 14mA, 20mA, per diode.
By turning the IN B pin ON and OFF, the current can be
modulated between 7 to 20mA to achieve any IAverage value
(PWM). In PWM mode, the modulating frequency has to be
set sufficiently high in order to avoid a flickering effect
(100Hz to 1kHz).
Digital Control with PWM
Any input can be modulated by a pulse train of variable duty
cycle (
δ). By turning ON and OFF DAC inputs A or B, the
current can be continuously modulated to any average value
between 1 to 19mA. For a maximum range of LED current,
both A&B can be modulated at the same time.
A
0101
B
0011
ILED
OFF
7mA
14mA
20mA
Switch Configuration
Figure 1
Step-up, 2:1 configuration.
Switch positions shown in charge phase.
Reverse all switches for pump phase.
CAP1
GND
VOUT
VIN
GND
CAP2
Figure 2
Step-up
3:2 configuration
Switch positions shown in charge phase.
Reverse all switches for pump phase.
COUT
VOUT
= 2 X VIN
+
+
-
-
VIN


Similar Part No. - FAN5609MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5609MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com