Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1950D25X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN1950D25X
Description  1.5A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1950D25X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN1950D25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 9Page - Fairchild Semiconductor FAN1950D25X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FAN1950/FAN1951
6
REV. 0.1.6 8/30/04
Typical Performance Characteristics (continued)
Vin = 3V, Vout = 1.8V
Ch.1 – Vout (1V/div) Ch.2 – Load Current (2A/div)
FAN1950D18 Short-Circuit Transient Response
Vin = 3V, Vout = 1.8V
Ch.1 – Vout (1V/div) Ch.2 – Load Current (2A/div)
FAN1950D25 Short-Circuit Transient Response
FAN1950D25 Short-Circuit Recovery Response
Ground Current vs. Temperature
Vin = 3V
0.00
5.00
10.00
15.00
20.00
25.00
30.00
-50
0
50
100
150
Temperature (C)
IGND_@10mA
IGND @ 750mA
IGND_ @ 1.5A
Vin = 3V, Vout = 2.5V
Ch.1 – Vout (1V/div) Ch.2 – Load Current (2A/div)
Vin = 3V, Vout = 2.5V
Ch.1 – Vout (1V/div) Ch.2 – Load Current (2A/div)
FAN1950D18 Short-Circuit Recovery Response


Similar Part No. - FAN1950D25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN1950D25X

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
MIC39150 MICREL-MIC39150_09 Datasheet
313Kb / 14P
   1.5A, Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com