Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSCQ1565RT Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSCQ1565RT
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1565RT Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSCQ1565RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 9Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 10Page - Fairchild Semiconductor FSCQ1565RT Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FSCQ0765RT
7
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters is the current flowing in the Control IC.
2. These parameters, although guaranteed, are tested only in EDS (wafer test) process.
3. These parameters indicate Inductor Current.
4. These parameters, although guaranteed at the design, are not tested in mass production.
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Sync SECTION
Sync Threshold in normal QR (H)
VSH1
Vcc = 16V, Vfb = 5V
4.2
4.6
5.0
V
Sync Threshold in normal QR (L)
VSL1
Vcc = 16V, Vfb = 5V
2.3
2.6
2.9
V
Sync Threshold in extended QR (H)
VSH2
Vcc = 16V, Vfb = 5V
2.7
3.0
3.3
V
Sync Threshold in extended QR (L)
VSL2
Vcc = 16V, Vfb = 5V
1.6
1.8
2.0
V
Extended QR enable frequency
FSYH
-90-
kHz
Extended QR disable frequency
FSYL
-45-
kHz
BURST MODE SECTION
Burst Mode Enable Feedback Voltage
VBEN
0.25
0.40
0.55
V
Burst Mode Feedback Source Current
IBFB
60
100
140
uA
Burst Mode switching Time
TBS
VFB = 0V
1.2
1.4
1.6
ms
Burst Mode Hold Time
TBH
VFB = 0V
1.2
1.4
1.6
ms
SOFTSTART SECTION
Soft start Time (Note2)
TSS
18
20
22
ms
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit (Note3)
ILIM
-
4.4
5.0
5.6
A
Burst Mode Peak Current Limit (Note4)
IBPK
-
0.65
0.9
1.15
A
TOTAL DEVICE SECTION
Startup Current
ISTART
VCC = VSTART-0.1V
-
25
50
uA
Sustain Latch Current
ISL
VCC = VSTOP-0.1V
-
50
100
uA
Operating Supply Current (Note1)
- In normal operation
- In burst mode (without switching)
IOP
Vfb = 2V, VCC = 18V
-
4
6
mA
IOB
Vfb = GND, VCC = 18V
-
0.25
0.50
mA


Similar Part No. - FSCQ1565RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1565RT FAIRCHILD-FSCQ1565RT Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RT FAIRCHILD-FSCQ1565RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ1565RT FAIRCHILD-FSCQ1565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ1565RT FAIRCHILD-FSCQ1565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ1565RTYDTU FAIRCHILD-FSCQ1565RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCQ1565RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com