Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL0508KFX7R6BB121 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CL0508KFX7R6BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0508KFX7R6BB121 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CL0508KFX7R6BB121 Datasheet HTML 5Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 6Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 7Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 8Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 9Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 10Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 11Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 12Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.yageo.com
Nov. 21, 2016 V.1
Surface-Mount Ceramic Multilayer Capacitors
9
13
Product specification
Low
Inductance
X5R, X7R
6.3V to 50V
TEST
TEST
METHOD
PROCEDURE
REQUIREMENTS
Temperature
coefficient
4.6
Capacitance shall be measured by the steps shown
in the following table.
The capacitance change should be measured after
5 min at each specified temperature stage.
Step
Temperature(℃)
a
25± 2
b
Lower temperature± 3℃
c
25± 2
d
Upper Temperature± 2℃
e
25± 2
Class II
Capacitance Change shall be calculated from the
formula as below
∆C =
C1
C1
-
C2
x 100%
C1: Capacitance at step c
C2: Capacitance at step b or d
Class2:
X7R/X5R : ∆ C/C : ± 15%
In case of applying voltage, the capacitance
change should be measured after 1 more min.
with applying voltage in equilibration of each
temp. stage.
Adhesion
IEC
60384-
21/22
4.7
A force applied for 10 seconds to the line joining
the terminations and in a plane parallel to the
substrate
Force
size ≥ 0306: 5N
size = 0204: 2.5N
Bending
Strength
4.8
Mounting in accordance with IEC 60384-22
paragraph 4.3
No visible damage
Conditions: bending 1 mm at a rate of 1 mm/s,
radius jig 5 mm
∆C/C
Class2:
X7R/X5R : ± 10%


Similar Part No. - CL0508KFX7R6BB121

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-12T AMMSEMI-CL05-12T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
American Microsemicondu...
CL05-15T AMMSEMI-CL05-15T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Micro Electronics
CL055 MICRO-ELECTRONICS-CL055 Datasheet
70Kb / 1P
   NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS
More results

Similar Description - CL0508KFX7R6BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com