Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8451MUT5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # ESD8451MUT5G
Description  ESD Protection Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8451MUT5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ESD8451MUT5G Datasheet HTML 2Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 3Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 4Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 5Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 6Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 7Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 8Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 9Page - ON Semiconductor ESD8451MUT5G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ESD8451, SZESD8451
www.onsemi.com
6
Latch−Up Considerations
ON Semiconductor’s 8000 series of ESD protection
devices utilize a snap−back, SCR type structure. By using
this technology, the potential for a latch−up condition was
taken into account by performing load line analyses of
common high speed serial interfaces. Example load lines for
latch−up free applications and applications with the
potential for latch−up are shown below with a generic IV
characteristic of a snapback, SCR type structured device
overlaid on each. In the latch−up free load line case, the IV
characteristic of the snapback protection device intersects
the load−line in one unique point (VOP, IOP). This is the only
stable operating point of the circuit and the system is
therefore latch−up free. In the non−latch up free load line
case, the IV characteristic of the snapback protection device
intersects the load−line in two points (VOPA, IOPA) and
(VOPB, IOPB). Therefore in this case, the potential for
latch−up exists if the system settles at (VOPB, IOPB) after a
transient. Because of this, ESD8451 should not be used for
HDMI applications – ESD8104 or ESD8040 have been
designed to be acceptable for HDMI applications without
latch−up. Please refer to Application Note AND9116/D for
a more in−depth explanation of latch−up considerations
using ESD8000 series devices.
Figure 15. Example Load Lines for Latch−up Free Applications and Applications with the Potential for Latch−up
ESD8451 Potential Latch
*up:
HDMI 1.4/1.3a TMDS
ESD8451 Latch
*up free:
USB 2.0 LS/FS, USB 2.0 HS,
USB 3.0 SS, DisplayPort
Table 1. SUMMARY OF SCR REQUIREMENTS FOR LATCH−UP FREE APPLICATIONS
Application
VBR (min)
(V)
IH (min)
(mA)
VH (min)
(V)
ON Semiconductor ESD8000 Series
Recommended PN
HDMI 1.4/1.3a TMDS
3.465
54.78
1.0
ESD8104, ESD8040
USB 2.0 LS/FS
3.301
1.76
1.0
ESD8004, ESD8451
USB 2.0 HS
0.482
N/A
1.0
ESD8004, ESD8451
USB 3.0 SS
2.800
N/A
1.0
ESD8004, ESD8006, ESD8451
DisplayPort
3.600
25.00
1.0
ESD8004, ESD8006, ESD8451


Similar Part No. - ESD8451MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8451MUT5G ONSEMI-ESD8451MUT5G Datasheet
294Kb / 9P
   ESD Protection Diodes
February, 2015 ??Rev. 4
More results

Similar Description - ESD8451MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com