Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL0508KRX5R7BB121 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # CL0508KRX5R7BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0508KRX5R7BB121 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CL0508KRX5R7BB121 Datasheet HTML 2Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 3Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 4Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 5Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 6Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 7Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 8Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 9Page - YAGEO Corporation CL0508KRX5R7BB121 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.yageo.com
Nov. 21, 2016 V.1
Surface-Mount Ceramic Multilayer Capacitors
6
13
Product specification
Low
Inductance
X5R, X7R
6.3V to 50V
Table 5
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Ø 180 MM / 7 INCH
Ø 330 MM / 13 INCH
QUANTITY
PER BULK CASE
Paper
Blister
Paper
Blister
0204
0.3 ± 0.1 mm
8 mm
10,000
---
---
---
---
0306
0.5 ± 0.1 mm
8 mm
4,000
---
15,000
---
---
0508
0.85 ± 0.1 mm
8 mm
4,000
---
15,000
---
---
0612
0.85 ± 0.1 mm
8 mm
4,000
---
15,000
---
---
0612
1.15 ± 0.1 mm
8 mm
---
3,000
---
---
---
CAPACITANCE RANGE & THICKNESS FOR X7R
Table4
Sizes from 0612
CAP.
0612
6.3 V
10 V
16 V
25 V
50 V
10 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
15 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
22 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
33 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
47 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
68 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
100 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
150 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
220 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
330 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
470 nF
0.85 ± 0.1
0.85 ± 0.1
0.85 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
680 nF
1.15 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
1 uF
1.15 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For special ordering code, please contact local sales force before order


Similar Part No. - CL0508KRX5R7BB121

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-12T AMMSEMI-CL05-12T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
American Microsemicondu...
CL05-15T AMMSEMI-CL05-15T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Micro Electronics
CL055 MICRO-ELECTRONICS-CL055 Datasheet
70Kb / 1P
   NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS
More results

Similar Description - CL0508KRX5R7BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com