Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P295BE471M500A Datasheet(PDF) 8 Page - Kemet Corporation

Part # P295BE471M500A
Description  P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P295BE471M500A Datasheet(HTML) 8 Page - Kemet Corporation

Back Button P295BE471M500A Datasheet HTML 2Page - Kemet Corporation P295BE471M500A Datasheet HTML 3Page - Kemet Corporation P295BE471M500A Datasheet HTML 4Page - Kemet Corporation P295BE471M500A Datasheet HTML 5Page - Kemet Corporation P295BE471M500A Datasheet HTML 6Page - Kemet Corporation P295BE471M500A Datasheet HTML 7Page - Kemet Corporation P295BE471M500A Datasheet HTML 8Page - Kemet Corporation P295BE471M500A Datasheet HTML 9Page - Kemet Corporation P295BE471M500A Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3088_P295_Y1_500 • 5/20/2014
8
Film Capacitors
AC Line EMI Suppression and RC Networks – P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
H
T
W
Lead Taping & Packaging (IEC 60286–2) cont'd
Ammo Specifications
Series
Dimensions (mm)
H
W
T
P295
330
330
50
Reel Specifications
Series
Dimensions (mm)
D
H
W
P295
360
500
30
46 (Max)
Manufacturing Date Code (IEC–60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M
D
W
H


Similar Part No. - P295BE471M500A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P295BE102M500A KEMET-P295BE102M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 1000 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE561M500A KEMET-P295BE561M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 560 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE681M500A KEMET-P295BE681M500A Datasheet
57Kb / 1P
   Film, Metallized Paper, Safety, P295, 680 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE821M500A KEMET-P295BE821M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 820 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
More results

Similar Description - P295BE471M500A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
logo
List of Unclassifed Man...
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
logo
Kemet Corporation
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com