Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8011MUT5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD8011MUT5G
Description  ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8011MUT5G Datasheet(HTML) 1 Page - ON Semiconductor

  ESD8011MUT5G Datasheet HTML 1Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 2Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 3Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 4Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 5Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 6Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 7Page - ON Semiconductor ESD8011MUT5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 4
1
Publication Order Number:
ESD8011/D
ESD8011
ESD Protection Diodes
Ultra Low Capacitance ESD Protection
Diode for High Speed Data Line
The ESD8011 ESD protection diodes are designed to protect high
speed data lines from ESD. Ultra−low capacitance and low ESD
clamping voltage make this device an ideal solution for protecting
voltage sensitive high speed data lines.
Features
Ultra Low Capacitance (0.10 pF Typ, I/O to GND)
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
Low ESD Clamping Voltage
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
USB 3.x
MHL 2.0
SATA/SAS
PCI Express
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±20
±20
kV
kV
Maximum Peak Pulse Current
8/20
ms @ TA = 25°C
Ipp
3.6
A
Maximum Peak Pulse Power
8/20
ms @ TA = 25°C
Ppk
34
W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
MARKING
DIAGRAM
X3DFN2
CASE 152AF
PIN CONFIGURATION
AND SCHEMATIC
www.onsemi.com
R
= Specific Device Code
(Rotated 90
° clockwise)
M
= Date Code
12
PIN 1
M
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - ESD8011MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8011MUT5G ONSEMI-ESD8011MUT5G Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
More results

Similar Description - ESD8011MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com