Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD7471 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7471
Description  Ultra-Low Capacitance ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7471 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7471_16 Datasheet HTML 1Page - ON Semiconductor ESD7471_16 Datasheet HTML 2Page - ON Semiconductor ESD7471_16 Datasheet HTML 3Page - ON Semiconductor ESD7471_16 Datasheet HTML 4Page - ON Semiconductor ESD7471_16 Datasheet HTML 5Page - ON Semiconductor ESD7471_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD7471, SZESD7471
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
5.3
V
Breakdown Voltage
VBR
IT = 1 mA (Note 4)
7.0
V
Reverse Leakage Current
IR
VRWM = 5.3 V
< 1
50
nA
Clamping Voltage
VC
IPP = 1 A (Note 5)
13
15
V
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 GHz
0.24
0.24
0.35
0.35
pF
Dynamic Resistance
RDYN
TLP Pulse
0.8
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Breakdown voltage is tested from pin 1 to 2 and pin 2 to 1.
5. Non−repetitive current pulse at 25
°C, per IEC61000−4−5 waveform.
TYPICAL CHARACTERISTICS
Figure 1. Typical IEC61000−4−2 + 8 kV Contact
ESD Clamping Voltage
Figure 2. Typical IEC61000−4−2 − 8 kV Contact
ESD Clamping Voltage
TIME (ns)
TIME (ns)
150
125
100
75
50
25
0
−25
−20
0
20
40
80
100
150
125
100
75
50
25
0
−25
−120
−100
−80
−60
−20
0
20
60
120
−40


Similar Part No. - ESD7471_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7471N2T5G ONSEMI-ESD7471N2T5G Datasheet
70Kb / 4P
   Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
More results

Similar Description - ESD7471_16

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
   Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
   Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
   Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605C4C6-AU PANJIT-PE1605C4C6-AU Datasheet
339Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
August 7,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com