Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9025ACQM Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9025ACQM
Description  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACQM Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9025ACQM Datasheet HTML 4Page - Gennum Corporation GS9025ACQM Datasheet HTML 5Page - Gennum Corporation GS9025ACQM Datasheet HTML 6Page - Gennum Corporation GS9025ACQM Datasheet HTML 7Page - Gennum Corporation GS9025ACQM Datasheet HTML 8Page - Gennum Corporation GS9025ACQM Datasheet HTML 9Page - Gennum Corporation GS9025ACQM Datasheet HTML 10Page - Gennum Corporation GS9025ACQM Datasheet HTML 11Page - Gennum Corporation GS9025ACQM Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 00
8
Fig. 8 Intrinsic Jitter (2
23 - 1 Pattern) 30Mb/s
Fig. 9 Intrinsic Jitter (2
23 - 1 Pattern) 143Mb/s
Fig. 10 Intrinsic Jitter (2
23
- 1 Pattern) 270Mb/s
Fig. 11 Intrinsic Jitter (2
23 - 1 Pattern) 540Mb/s
Fig. 12 Intrinsic Jitter - Pseudorandom (2
23
- 1)
Fig. 13 Intrinsic Jitter - Pathological SDI Checkfield
0
200
400
600
800
1000
1200
1400
1600
1800
2000
100
200
300
400
500
600
SDI DATA RATE (Mb/s)
QA Output Jitter Limit, Sample Tested
Max
Typical
Min
TA=0 to 70˚C, VCC=4.75 to 5.25V for the typical range
Typical Range, Characterized
0
200
400
600
800
1000
1200
1400
1600
1800
2000
100
200
300
400
500
600
SDI DATA RATE (Mb/s)
Typical
Min
Max
QA Output Jitter Limit, Sample Tested
TA = 0 to 70˚C, VCC = 4.75 to 5.25V for the typical range
Typical Range, Characterized


Similar Part No. - GS9025ACQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9025ACQME3 GENNUM-GS9025ACQME3 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results

Similar Description - GS9025ACQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com