Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9025ACQM Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9025ACQM
Description  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACQM Datasheet(HTML) 4 Page - Gennum Corporation

  GS9025ACQM Datasheet HTML 1Page - Gennum Corporation GS9025ACQM Datasheet HTML 2Page - Gennum Corporation GS9025ACQM Datasheet HTML 3Page - Gennum Corporation GS9025ACQM Datasheet HTML 4Page - Gennum Corporation GS9025ACQM Datasheet HTML 5Page - Gennum Corporation GS9025ACQM Datasheet HTML 6Page - Gennum Corporation GS9025ACQM Datasheet HTML 7Page - Gennum Corporation GS9025ACQM Datasheet HTML 8Page - Gennum Corporation GS9025ACQM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 00
4
Fig. 1 Test Setup for Figures 6 - 13
SDO, SCO Output Signal
Swing
75
Ω DC load
600
800
1000
mV p-p
1
SDO, SCO Rise & Fall times
20%-80%
200
300
400
ps
7
SDI/SDI Input Resistance
-
10
-
k
86
SDI/SDI Input Capacitance
-
1.0
-
pF
8
6
SDI/SDI Input Return Loss
at 270MHz
15
20
-
dB
8
6
Carrier Detect Response Time
Carrier Applied,
CL<50pF, RL=open cct.
-3
-
µs
8
6
Carrier Removed,
CL<50pF, RL=open cct.
-30
-
NOTES
1. TYPICAL - measured on EB9025A board.
2. Characterized 6 sigma rms.
3. IJT measured with sinusoidal modulation beyond Loop
Bandwidth (at 6.5MHz).
4. Synchronous switching refers to switching the input data from
one source to another source which is at the same data rate (ie.
line 10 switching for component NTSC).
5. Asynchronous switching refers to switching the input data from
one source to another source which is at a different data rate.
6. Carrier Loss Time refers to the response of the SDO output from
valid re-clocked input data to mute mode when the input signal
is removed.
7. Using the DDI input, A/D=0.
8. Using the SDI input, A/D=1.
TEST LEVELS
1. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature
ranges.
2. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature ranges
using correlated test.
3. Production test at room temperature and nominal supply
voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data
of similar product.
AC ELECTRICAL CHARACTERISTICS
VCC = 5.0V, VEE = 0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITIONS
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST
LEVEL
EB9025A
BOARD
GS9028
CABLE
DRIVER
TEKTRONIX
GigaBERT
1400
ANALYZER
TEKTRONIX
GigaBERT
1400
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
TRIGGER


Similar Part No. - GS9025ACQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9025ACQME3 GENNUM-GS9025ACQME3 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results

Similar Description - GS9025ACQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com