Electronic Components Datasheet Search |
|
CL0306KPX5R8BB121 Datasheet(PDF) 9 Page - YAGEO Corporation |
|
CL0306KPX5R8BB121 Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 13 page www.yageo.com Nov. 21, 2016 V.1 Surface-Mount Ceramic Multilayer Capacitors 9 13 Product specification Low Inductance X5R, X7R 6.3V to 50V TEST TEST METHOD PROCEDURE REQUIREMENTS Temperature coefficient 4.6 Capacitance shall be measured by the steps shown in the following table. The capacitance change should be measured after 5 min at each specified temperature stage. Step Temperature(℃) a 25± 2 b Lower temperature± 3℃ c 25± 2 d Upper Temperature± 2℃ e 25± 2 Class II Capacitance Change shall be calculated from the formula as below ∆C = C1 C1 - C2 x 100% C1: Capacitance at step c C2: Capacitance at step b or d Class2: X7R/X5R : ∆ C/C : ± 15% In case of applying voltage, the capacitance change should be measured after 1 more min. with applying voltage in equilibration of each temp. stage. Adhesion IEC 60384- 21/22 4.7 A force applied for 10 seconds to the line joining the terminations and in a plane parallel to the substrate Force size ≥ 0306: 5N size = 0204: 2.5N Bending Strength 4.8 Mounting in accordance with IEC 60384-22 paragraph 4.3 No visible damage Conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ∆C/C Class2: X7R/X5R : ± 10% |
Similar Part No. - CL0306KPX5R8BB121 |
|
Similar Description - CL0306KPX5R8BB121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |