Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G08A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV2G08A
Description  Dual 2-input AND Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV2G08A Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74LV2G08A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV2G08A Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LV2G08A
Rev.1, Jul. 2001, page 7 of 9
Test Circuit
Pulse
generator
50
C
L
Input
Output
VCC
Note: 1. CL includes probe and jig capacitance.
Input
Output
90%
50%
10%
tPLH
tPHL
VCC
GND
VOH
VOL
90%
50%
10%
50%
50%
• Waveforms
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.
tr
tf


Similar Part No. - HD74LV2G08A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G08A RENESAS-HD74LV2G08A Datasheet
81Kb / 9P
   Dual 2-input AND Gates
HD74LV2G08AUSE RENESAS-HD74LV2G08AUSE Datasheet
81Kb / 9P
   Dual 2-input AND Gates
HD74LV2G08A RENESAS-HD74LV2G08A_15 Datasheet
105Kb / 11P
   Dual 2?밿nput AND Gates
More results

Similar Description - HD74LV2G08A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G08 RENESAS-HD74ALVC2G08_15 Datasheet
110Kb / 12P
   Dual 2-input AND Gates
HD74ALVC2G08 RENESAS-HD74ALVC2G08 Datasheet
86Kb / 10P
   Dual 2-input AND Gates
HD74LV2G08A RENESAS-HD74LV2G08A Datasheet
81Kb / 9P
   Dual 2-input AND Gates
logo
Hitachi Semiconductor
HD74ALVC2G08 HITACHI-HD74ALVC2G08 Datasheet
97Kb / 10P
   Dual 2-input AND Gates
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74LV2G00A RENESAS-HD74LV2G00A Datasheet
81Kb / 9P
   Dual 2-input NAND Gates
HD74ALVC2G02 RENESAS-HD74ALVC2G02 Datasheet
86Kb / 10P
   Dual 2-input NOR Gates
HD74LV2G02A RENESAS-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
HD74ALVC2G02 RENESAS-HD74ALVC2G02_15 Datasheet
111Kb / 12P
   Dual 2-input NOR Gates
HD74ALVC2G00 RENESAS-HD74ALVC2G00_15 Datasheet
110Kb / 12P
   Dual 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com