Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5817W-B5819W Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # B5817W-B5819W
Description  SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

B5817W-B5819W Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  B5817W-B5819W Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. B5817W-B5819W Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES B5817W THRU B5819W
0
10
100
NUMBER OF CYCLES AT 60Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
30
25
20
15
10
5
0
CASE
TEMPERATURE(
C)
1.25
1.0
0.75
0.5
0.25
0
0
20
40
60
80
100
120
140
FIG. 3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0
0.4
0.8
1.2
1.6
50
10
1.0
0.1
0.01
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
100
10
1.0
0.1
0.01
0.001
PERCENT OF RATED PEAK PEVERSE VOLTAGE
(%)
TA=125
C
FIG. 5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
400
100
10
0.1
1
10
100
Resistive or inductive
load0.375''(9.5mm)
lead length
TA=25
C
Pulse width=300
us
1% duty cycle
TJ=125
C
TJ=75
C
TJ=25
C
0.01
1
10
100
100
10
1
0.1
FIG. 6-TYPICAL TRANSIENT
THERMAL IMPEDANCE
t--PULSE DURATION
(sec.)
www.shunyegroup.com.cn


Similar Part No. - B5817W-B5819W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B5817W-M0RPG TSC-B5817W-M0RPG Datasheet
149Kb / 5P
   SOD-123 40V/1A Schottky Diode
B5817W-N0RBG TSC-B5817W-N0RBG Datasheet
149Kb / 5P
   SOD-123 40V/1A Schottky Diode
logo
Jiangsu Changjiang Elec...
B5817W-SOD-123 JIANGSU-B5817W-SOD-123 Datasheet
336Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - B5817W-B5819W

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com