Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42W Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BAT42W
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BAT42W Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  BAT42W_17 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BAT42W_17 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42W-BAT43W
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: BAT42W:S7, BAT43W:S8
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
200
500
4.0
200
500
-55 to +125
Low forward voltage drop
Fast switching time
Surface mount package ideally suited
for automatic insertion
Maximum ratings and electrical characteristics, Single diode @TA=25C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t<1.0s
Peak forward surge current @t<10ms
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
K/W
C
BAT42W/BAT3W
30
21
VR(RMS)
IFRM
Pd
Electrical ratings @TA=25C
SYMBOLS
Conditions
V(BR)R
VF
VF
VF
VF
VF
IR
CT
trr
Reverse breakdomn voltage
All types
BAT42W
Forward voltage
BAT42W
BAT43W
BAT43W
Reverse current
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
30
0.26
V
V
V
V
V
V
pF
ns
IR=100
uA
IF=200mA
IF=10mA
IF=50mA
IF=2mA
IF=15mA
VR=25V
VR=1V,f=1.0MHz
IF=IR=10mA
Irr=0.1XIR,RL=100
IFSM
IFM
1.0
0.4
0.65
0.33
0.45
0.5
10
5
uA
1.15(.045)
1.05(.041)
.25(.010)
MIN
SOD-123
1.80(.071)
1.40(.055)
3.86(0.152)
3.56(0.145)
2.84(0.112)
2.54(0.100)
.71(0.028)
.50(0.020)
1.35(.053)
.94(.037)
.15(.006)
MAX
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
www.shunyegroup.com.cn


Similar Part No. - BAT42W_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT42W DIODES-BAT42W_1 Datasheet
222Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 15 - 2
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W_13 Datasheet
244Kb / 3P
   200mW Schottky Diodes 30 Volts For General Purpose applications
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_14 Datasheet
204Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Vishay Siliconix
BAT42W VISHAY-BAT42W_15 Datasheet
85Kb / 5P
   Small Signal Schottky Diode
Rev. 1.8, 25-Feb-13
More results

Similar Description - BAT42W_17

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com