Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA0805K401R020 Datasheet(PDF) 10 Page - Kemet Corporation

Part # VA0805K401R020
Description  Surface Mount Varistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VA0805K401R020 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button VA0805K401R020 Datasheet HTML 6Page - Kemet Corporation VA0805K401R020 Datasheet HTML 7Page - Kemet Corporation VA0805K401R020 Datasheet HTML 8Page - Kemet Corporation VA0805K401R020 Datasheet HTML 9Page - Kemet Corporation VA0805K401R020 Datasheet HTML 10Page - Kemet Corporation VA0805K401R020 Datasheet HTML 11Page - Kemet Corporation VA0805K401R020 Datasheet HTML 12Page - Kemet Corporation VA0805K401R020 Datasheet HTML 13Page - Kemet Corporation VA0805K401R020 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0001_VA • 10/25/2016
Surface Mount Varistors
VA Series Automotive Grade 125°C
Soldering Pad Configuration
W
L
t
M
B
C
B
A
D
A
Size
L (mm)
W (mm)
h (mm)
t
max (mm)
A (mm)
B (mm)
C (mm)
D (mm)
0805
2.0 ±0.25
1.25 ±0.20
0.5 ±0.25
1.1
1.4
1.2
1.0
3.4
1206
3.2 ±0.30
1.60 ±0.20
0.5 ±0.25
1.6
1.8
1.2
2.1
4.5
1210
3.2 ±0.30
2.50 ±0.25
0.5 ±0.25
1.8
2.8
1.2
2.1
4.5
1812
4.7 ±0.40
3.20 ±0.30
0.5 ±0.25
1.9
3.6
1.5
3.2
6.2
2220
5.7 ±0.50
5.00 ±0.40
0.5 ±0.25
1.9
5.5
1.5
4.2
7.2
Packaging
Voltage
Range (V)
Chip Size
0805
1206
1210
1812
2220
Reel Size
180
180
180
180
180
14
3500
2500
2500
1000
1000
17
3500
2500
2500
1000
1000
20 to 40
2500
2500
1000
1000


Similar Description - VA0805K401R020

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com