Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ12VCW Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MMSZ12VCW
Description  Surface mount zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MMSZ12VCW Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MMSZ12VCW Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MMSZ12VCW Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
500mW SOD-123 SURFACE MOUNT
Flat Lead Surface Mount Plastic Package
Zener Voltage Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5% (C Series)
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ2V4CW
2V4Z
2.28
2.4
2.52
5
100
1
564
45
1
MMSZ2V7CW
2V7Z
2.57
2.7
2.84
5
100
1
564
18
1
MMSZ3V0CW
3V0Z
2.85
3.0
3.15
5
100
1
564
9
1
MMSZ3V3CW
3V3Z
3.14
3.3
3.47
5
95
1
564
4.5
1
MMSZ3V6CW
3V6Z
3.42
3.6
3.78
5
90
1
564
4.5
1
MMSZ3V9CW
3V9Z
3.71
3.9
4.10
5
90
1
564
2.7
1
MMSZ4V3CW
4V3Z
4.09
4.3
4.52
5
90
1
564
2.7
1
MMSZ4V7CW
4V7Z
4.47
4.7
4.94
5
80
1
470
2.7
2
MMSZ5V1CW
5V1Z
4.85
5.1
5.36
5
60
1
451
1.8
2
MMSZ5V6CW
5V6Z
5.32
5.6
5.88
5
40
1
376
0.9
2
MMSZ6V2CW
6V2Z
5.89
6.2
6.51
5
10
1
141
2.7
4
MMSZ6V8CW
6V8Z
6.46
6.8
7.14
5
15
1
75
1.8
4
MMSZ7V5CW
7V5Z
7.11
7.5
7.86
5
15
1
75
0.9
5
MMSZ8V2CW
8V2Z
7.79
8.2
8.61
5
15
1
75
0.63
5
MMSZ9V1CW
9V1Z
8.65
9.1
9.56
5
15
1
94
0.45
6
MMSZ10VCW
10VZ
9.50
10
10.50
5
20
1
141
0.18
7
MMSZ11VCW
11VZ
10.45
11
11.55
5
20
1
141
0.09
8
MMSZ12VCW
12VZ
11.40
12
12.60
5
25
1
141
0.09
8
MMSZ13VCW
13VZ
12.35
13
13.65
5
30
1
160
0.09
8
MMSZ15VCW
15VZ
14.25
15
15.75
5
30
1
188
0.045
10.5
MMSZ16VCW
16VZ
15.20
16
16.80
5
40
1
188
0.045
11.2
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead
MMSZ2V4 THRU MMSZ75V
Surface mount zener diode
Voltage: 2.4-75 Volts
Peak Pulse Power:500 mWatts
www.shunyegroup.com.cn


Similar Part No. - MMSZ12VCW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ12VCW TAK_CHEONG-MMSZ12VCW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ12VCW TAK_CHEONG-MMSZ12VCW Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Shunye Electro...
MMSZ12VCW SHUNYE-MMSZ12VCW Datasheet
337Kb / 3P
   Surface mount zener diode
logo
Guangdong Juxing Electr...
MMSZ12VCW JUXING-MMSZ12VCW Datasheet
376Kb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ12VCW JUXING-MMSZ12VCW Datasheet
718Kb / 3P
   500mW Silicon Planar Zener Diodes
More results

Similar Description - MMSZ12VCW

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com