Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT04A Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74HCT04A
Description  Hex Inverter High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT04A Datasheet(HTML) 4 Page - Integral Corp.

  IN74HCT04A Datasheet HTML 1Page - Integral Corp. IN74HCT04A Datasheet HTML 2Page - Integral Corp. IN74HCT04A Datasheet HTML 3Page - Integral Corp. IN74HCT04A Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74HCT04A
30
AC ELECTRICAL CHARACTERISTICS(V
CC =5.0 V ±10%,CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH
Maximum Propagation Delay, Input A
15
19
22
ns
tPHL
to Output Y (Figures 1 and 2)
17
21
26
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
CIN
Maximum Input Capacitance
10
10
10
pF
Power Dissipation Capacitance (Per Inverter)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
22
pF
Figure 1. Switching Waveforms.
Figure 2. Test Circuit
EXPANDED LOGIC DIAGRAM
(1/6 of the Device)


Similar Part No. - IN74HCT04A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT04A IKSEMICON-IN74HCT04A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
More results

Similar Description - IN74HCT04A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC04 SLS-SL74HC04 Datasheet
33Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT14 SLS-SL74HCT14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT14A KODENSHI-KK74HCT14A Datasheet
436Kb / 5P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC14A INTEGRAL-IN74HC14A Datasheet
71Kb / 4P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC14A MOTOROLA-MC54HC14A Datasheet
180Kb / 8P
   HEX Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com