Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3080MTR Datasheet(PDF) 3 Page - International Rectifier

Part # IR3080MTR
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080MTR Datasheet(HTML) 3 Page - International Rectifier

  IR3080MTR Datasheet HTML 1Page - International Rectifier IR3080MTR Datasheet HTML 2Page - International Rectifier IR3080MTR Datasheet HTML 3Page - International Rectifier IR3080MTR Datasheet HTML 4Page - International Rectifier IR3080MTR Datasheet HTML 5Page - International Rectifier IR3080MTR Datasheet HTML 6Page - International Rectifier IR3080MTR Datasheet HTML 7Page - International Rectifier IR3080MTR Datasheet HTML 8Page - International Rectifier IR3080MTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR3080
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 9.5V ≤ VCC ≤ 14V, 2.0V ≤ VIDPWR ≤ 5.5V and 0
oC ≤
TJ ≤ 100
oC
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDAC Reference
System Set-Point Accuracy
-0.3V ≤ VOSNS- ≤ 0.3V, Connect FB to
EAOUT, Measure V(EAOUT) –
V(VOSNS-) deviation from Table 1.
Applies to all VID codes.
0.5
%
Source Current
RROSC = 41.9kΩ
68
80
92
µA
Sink Current
RROSC = 41.9kΩ
47
55
63
µA
VID Input Threshold
500
600
700
mV
VID Pull-up Resistors
500
700
1000
Regulation Detect Comparator
Input Offset
-5
0
5
mV
Regulation Detect to EAOUT
Delay
130
200
ns
BBFB to FB Bias Current
Ratio
0.95
1.00
1.05
µA/µA
VID 11111x Blanking Delay
Measure time until PWRGD drives low
800
ns
VID Step Down Detect
Blanking Time
Measure from VID inputs to EAOUT
1.7
µs
VID Down BB Clamp Voltage
Percent of VDAC voltage
70
75
80
%
VID Down BB Clamp Current
3.5
6.2
12
mA
Error Amplifier
Input Offset Voltage
Connect FB to EAOUT, Measure
V(EAOUT) – V(DAC). from Table 1.
Applies to all VID codes and -0.3V ≤
VOSNS- ≤ 0.3V. Note 2
-3
4
8
mV
FB Bias Current
RROSC = 41.9kΩ
-31
-29.5
-28
µA
DC Gain
Note 1
90
100
105
dB
Gain-Bandwidth Product
Note 1
4
7
MHz
Source Current
0.4
0.6
0.8
mA
Sink Current
0.7
1.2
1.7
mA
Max Voltage
VBIAS–VEAOUT (referenced to VBIAS)
125
250
375
mV
Min Voltage
Normal operation or Fault mode
30
100
150
mV
VDRP Buffer Amplifier
Input Offset Voltage
V(VDRP) – V(IIN), 0.8V ≤ V(IIN) ≤ 5.5V
-8
0
8
mV
Input Voltage Range
0.8
5.5
V
Bandwidth (-3dB)
Note 1
1
6
MHz
Slew Rate
10
V/
µs
IIN Bias Current
-2.0
-0.75
0
µA
Page 3 of 41
9/30/04


Similar Part No. - IR3080MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080MTR IRF-IR3080MTR Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MTRPBF IRF-IR3080MTRPBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results

Similar Description - IR3080MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com