Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3080MTR Datasheet(PDF) 5 Page - International Rectifier

Part # IR3080MTR
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080MTR Datasheet(HTML) 5 Page - International Rectifier

  IR3080MTR Datasheet HTML 1Page - International Rectifier IR3080MTR Datasheet HTML 2Page - International Rectifier IR3080MTR Datasheet HTML 3Page - International Rectifier IR3080MTR Datasheet HTML 4Page - International Rectifier IR3080MTR Datasheet HTML 5Page - International Rectifier IR3080MTR Datasheet HTML 6Page - International Rectifier IR3080MTR Datasheet HTML 7Page - International Rectifier IR3080MTR Datasheet HTML 8Page - International Rectifier IR3080MTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IR3080
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCC Under-Voltage Lockout
Start Threshold
8.6
9.1
9.6
V
Stop Threshold
8.4
8.9
9.4
V
Hysteresis
Start – Stop
150
200
300
mV
General
VCC Supply Current
8
11
14
mA
VIDPWR Supply Current
VID0-5 Open, I(VCCVID) = 0
400
550
1000
µA
VOSNS- Current
-0.3V ≤ VOSNS- ≤ 0.3V, All VID Codes
-5.5
-4.5
-3.5
mA
VRHOT Comparator
HOTSET Bias Current
-2
-0.5
1
µA
Output Voltage
I(VRHOT) = 29mA
300
400
mV
VRHOT Leakage Current
V(VRHOT) = 5.5V
0
10
µA
Threshold Hysteresis
TJ 85
oC
3
6
10
oC
MIN
TYP
MAX
Threshold Voltage
(increasing temperature)
TJ 85
oC
4.73mV/
oC x T
J
+ 1.176V
4.73mV/
oC x T
J
+ 1.241V
4.73mV/
oC x T
J
+ 1.356V
V
Note 1: Guaranteed by design, but not tested in production
Note 2: VDAC Output is trimmed to compensate for Error Amplifier input offsets errors
Page 5 of 41
9/30/04


Similar Part No. - IR3080MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080MTR IRF-IR3080MTR Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MTRPBF IRF-IR3080MTRPBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results

Similar Description - IR3080MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com