Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB120-1A-DO-41 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SB120-1A-DO-41
Description  1.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB120-1A-DO-41 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SB120-1A-DO-41 Datasheet HTML 1Page - Nanjing International Group Co SB120-1A-DO-41 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
B120 THRU SB1200)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=75 C
SB
18
0~
SB
12
00
Tj=25 C
Tj=25 C
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
12
6
18
30
24
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SB120-1A-DO-41

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB120-1.1 GSG-SB120-1.1 Datasheet
299Kb / 1P
   Chips for Schottky Diodes
SB120-1.3 GSG-SB120-1.3 Datasheet
250Kb / 1P
   Chips for Schottky Diodes
logo
Sanyo Semicon Device
SB120-18 SANYO-SB120-18 Datasheet
80Kb / 3P
   180V, 12A Rectifier
More results

Similar Description - SB120-1A-DO-41

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com