Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9775106960 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 9775106960
Description  WA-SMSR SMD Steel Spacer Reverse with through hole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

9775106960 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  9775106960 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 9775106960 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 9775106960 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 9775106960 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 9775106960 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
sectional drawing A-A
3,2 ±0,05
O
A
A
Scale - 4:1
Properties
Value
Unit
Pin length
G
10.6
mm
Article Properties:
Recommended Land Pattern: [mm]
Suggested
Solder pad
O 4,4
Non plated
through hole
Scale - 3:1
Stencil Suggestion:
0,80
Scale - 5:1
Properties
Value
Unit
Inner Diameter
Ø ID
4.2
mm
Outer Diameter
Ø OD
6
mm
Hole Diameter
Ø f
3.2
mm
Material
Steel
Surface
Tin
Solder Cream Thickness
150 µm
Properties:
Packaging
Bulk
Packaging Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
WA-SMSR SMD Steel Spacer
Reverse with through hole Ø3.2
ORDER CODE
977 510 696 0
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-09-22
eiCan
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 9775106960

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
9775106360 WURTH-9775106360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775106360R WURTH-9775106360R Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
More results

Similar Description - 9775106960

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
9775066960 WURTH-9775066960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775031960 WURTH-9775031960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775036960 WURTH-9775036960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775086960 WURTH-9775086960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775041960 WURTH-9775041960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775096960 WURTH-9775096960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775026960 WURTH-9775026960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775046960 WURTH-9775046960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775076960 WURTH-9775076960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
9775116960 WURTH-9775116960 Datasheet
273Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with through hole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com