Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4R571669D Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4R571669D
Description  256/288Mbit RDRAM(D-die)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4R571669D Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4R571669D Datasheet HTML 2Page - Samsung semiconductor K4R571669D Datasheet HTML 3Page - Samsung semiconductor K4R571669D Datasheet HTML 4Page - Samsung semiconductor K4R571669D Datasheet HTML 5Page - Samsung semiconductor K4R571669D Datasheet HTML 6Page - Samsung semiconductor K4R571669D Datasheet HTML 7Page - Samsung semiconductor K4R571669D Datasheet HTML 8Page - Samsung semiconductor K4R571669D Datasheet HTML 9Page - Samsung semiconductor K4R571669D Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Direct RDRAM
K4R571669D/K4R881869D
Page 4
Version 1.4 July 2002
Figure 2: 256/288-Mbit (512Kx16/18x32s) RDRAM Device Block Diagram
Bank 31
DQA8..DQA0
Bank 30
Bank 29
Bank 18
Bank 17
Bank 16
Bank 15
Bank 14
Bank 13
Bank 1
Bank 0
DQB8..DQB0
9
1:8 Demux
1:8 Demux
Packet Decode
9
5
3
ROW2..ROW0
COL4..COL0
CTM CTMN
CFM CFMN
2
SCK,CMD
RCLK
TCLK
Control Registers
DC
COP
C
BC
MA
MB
DX
XOP
BX
DR
R
ROP
BR
8
8
7
5
5
5
5
5
6
9
5
5
11
AV
M
S
Write
Buffer
Match
Match
Mux
Match
DEVID
512x128x144
Internal DQB Data Path
Column Decode & Mask
72
9
9
72
9
DM
REFR
Row Decode
Mux
ACT
RD, WR
Power Modes
DRAM Core
Mux
XOP Decode
PREX
PREC
9
9
9
9
72
9
9
9
PRER
COLX
COLC
COLM
2
SIO0,SIO1
Sense Amp
Internal DQA Data Path
Packet Decode
ROWA
ROWR
RCLK
RCLK
RQ7..RQ5 or
RQ4..RQ0 or
64x72
72
64x72
64x72
Bank 2


Similar Part No. - K4R571669D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCG6 SAMSUNG-K4R271669A-NMCG6 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK7 SAMSUNG-K4R271669A-NMCK7 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK8 SAMSUNG-K4R271669A-NMCK8 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
More results

Similar Description - K4R571669D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669D SAMSUNG-K4R271669D Datasheet
310Kb / 20P
   128Mbit RDRAM(D-die)
K4R271669E SAMSUNG-K4R271669E Datasheet
290Kb / 20P
   128Mbit RDRAM(E-die)
K4R271669F SAMSUNG-K4R271669F Datasheet
292Kb / 20P
   128Mbit RDRAM(F-die)
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
OKI electronic componet...
MSM5718B70 OKI-MSM5718B70 Datasheet
260Kb / 40P
   18-Megabit RDRAM (2M x 9)
logo
Infineon Technologies A...
HYB25D256400BT INFINEON-HYB25D256400BT Datasheet
2Mb / 77P
   256-Mbit Double Data Rate SDRAM, Die Rev. B
2003-01-09, V1.1
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR163240G INFINEON-HYR163240G Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com