Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPC50US24 Datasheet(PDF) 4 Page - XP Power Limited

Part # DPC50US24
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DPC50US24 Datasheet(HTML) 4 Page - XP Power Limited

  DPC50US24 Datasheet HTML 1Page - XP Power Limited DPC50US24 Datasheet HTML 2Page - XP Power Limited DPC50US24 Datasheet HTML 3Page - XP Power Limited DPC50US24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
0
85
100
264
85
50
-25
50
70
Temperature (°C)
Input Voltage (VAC)
100
100
50 °C Ambient
40 °C Ambient
Derating Curves
Ambient Temperature
Input Voltage
Application Notes
DPC50 Series
www.xppower.com
20 April 17
AC-DC Power Supplies
1. All dimensions in inches (mm)
2. Weight: 0.42 lbs (190 g)
3. Tolerance: ±0.02 in (±0.5 mm)
4. Screw terminal: 12-26 AWG cables size.
5. Connection screw maximum torque: 5.0 lbs-in (0.56 Nm)
Notes
Mechanical Details
1.18 (30.0)
5
6
7
3.6
(90.0)
4 3 2 1
3.94 (100.0)
DPC50
VOUT ADJ.
ON
- - ++
L
N
xppower.com


Similar Part No. - DPC50US24

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DPC56-15 SUPERWORLD-DPC56-15 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-180 SUPERWORLD-DPC56-180 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-20 SUPERWORLD-DPC56-20 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-420 SUPERWORLD-DPC56-420 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-80 SUPERWORLD-DPC56-80 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DPC50US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com