Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4R881869D Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4R881869D
Description  256/288Mbit RDRAM(D-die)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4R881869D Datasheet(HTML) 4 Page - Samsung semiconductor

  K4R881869D Datasheet HTML 1Page - Samsung semiconductor K4R881869D Datasheet HTML 2Page - Samsung semiconductor K4R881869D Datasheet HTML 3Page - Samsung semiconductor K4R881869D Datasheet HTML 4Page - Samsung semiconductor K4R881869D Datasheet HTML 5Page - Samsung semiconductor K4R881869D Datasheet HTML 6Page - Samsung semiconductor K4R881869D Datasheet HTML 7Page - Samsung semiconductor K4R881869D Datasheet HTML 8Page - Samsung semiconductor K4R881869D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Direct RDRAM
K4R571669D/K4R881869D
Page 2
Version 1.4 July 2002
COL
ROW
Pinouts and Definitions
Center-Bonded Devices
These tables shows the pin assignments of the center-bonded
RDRAM package. The mechanical dimensions of this
package are shown in a later section. Refer to Section
“Center-Bonded WBGA Package” on page 18. Note - pin #1
is at the A1 position.
Table 1: Center-Bonded Device (top view)
10
VDD
GND
VDD
GND
VDD
VDD
VDD
VDD
GND
VDD
9
8
GND
VDD
CMD
VDD
GND
GNDa
GNDa
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VCMOS
VDD
GND
7
VDD
DQA8
DQA7
DQA5
DQA3
DQA1
CTMN
CTM
RQ7
RQ5
RQ3
RQ1
DQB1
DQB3
DQB5
DQB7
DQB8
VDD
6
5
4
GND
GND
DQA6
DQA4
DQA2
DQA0
CFM
CFMN
RQ6
RQ4
RQ2
RQ0
DQB0
DQB2
DQB4
DQB6
GND
GND
3
VDD
GND
SCK
VCMOS
GND
VDD
GND
VDDa
VREF
GND
VDD
GND
GND
VDD
SIO0
SIO1
GND
VDD
2
1
VDD
GND
GND
VDD
GND
GND
GND
GND
GND
VDD
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
Chip
Top View
The pin #1(ROW 1, COL A) is located at the
A1 position on the top side and the A1 position
is marked by the marker
.
K4RXXXX69D-Fxxx
SAMSUNG
230


Similar Part No. - K4R881869D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R881869 SAMSUNG-K4R881869 Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M-NBCCG6 SAMSUNG-K4R881869M-NBCCG6 Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M-NCK7 SAMSUNG-K4R881869M-NCK7 Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
More results

Similar Description - K4R881869D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669D SAMSUNG-K4R271669D Datasheet
310Kb / 20P
   128Mbit RDRAM(D-die)
K4R271669E SAMSUNG-K4R271669E Datasheet
290Kb / 20P
   128Mbit RDRAM(E-die)
K4R271669F SAMSUNG-K4R271669F Datasheet
292Kb / 20P
   128Mbit RDRAM(F-die)
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
OKI electronic componet...
MSM5718B70 OKI-MSM5718B70 Datasheet
260Kb / 40P
   18-Megabit RDRAM (2M x 9)
logo
Infineon Technologies A...
HYB25D256400BT INFINEON-HYB25D256400BT Datasheet
2Mb / 77P
   256-Mbit Double Data Rate SDRAM, Die Rev. B
2003-01-09, V1.1
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR163240G INFINEON-HYR163240G Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com