Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE159M Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE159M
Description  Silicon Complementary Transistors General Purpose
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE159M Datasheet(HTML) 3 Page - NTE Electronics

  NTE159M Datasheet HTML 1Page - NTE Electronics NTE159M Datasheet HTML 2Page - NTE Electronics NTE159M Datasheet HTML 3Page - NTE Electronics NTE159M Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics (Cont’d): (TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Cont’d)
Base–Emitter Saturation Voltage
NTE123A
VBE(sat)
IC = 150mA, IB = 15mA, Note 1
0.6
1.2
V
IC = 500mA, IB = 50mA, Note 1
2.0
V
NTE159M
IC = 150mA, IB = 15mA, Note 1
1.3
V
IC = 500mA, IB = 50mA
2.6
V
Small–Signal Characteristics
Current Gain–Bandwidth Product
NTE123A
fT
IC = 20mA
VCE = 20V, f = 100MHz,
300
MHz
NTE159M
IC = 50mA
Note 2
200
MHz
Output Capacitance
Cobo
VCB = 10V, IE = 0, f = 100kHz
8
pF
Input Capactiance
NTE123A
Cibo
VBE = 0.5V IC = 0, f = 100kHz
25
pF
NTE159M
VBE = 2V
30
pF
Input Impedance (NTE123A Only)
hie
IC = 1mA
VCE = 10V, f = 1kHz
2.0
8.0
k
IC = 10mA
0.25
1.25
k
Voltage Feedback Ratio
hre
IC = 1mA
VCE = 10V, f = 1kHz
8
x 10–4
(NTE123A Only)
IC = 10mA
4
x 10–4
Small–Signal Current Gain
hfe
IC = 1mA
VCE = 10V, f = 1kHz
50
300
(NTE123A Only)
IC = 10mA
75
375
Output Admittance (NTE123A Only)
hoe
IC = 1mA
VCE = 10V, f = 1kHz
5
35
µmhos
IC = 10mA
25
200
µmhos
Collector–Base Time Constant
(NTE123A Only)
rb
′Cc
IE = 20mA, VCB = 20V, f = 31.8MHz
150
ps
Noise Figure (NTE123A Only)
NF
IC = 100µA, VCE = 10V, RS = 1kΩ,
f = 1kHz
4
dB
Real Part of Common–Emitter High
Frequency Input Impedance
(NTE123A Only)
Re(hie)
IC = 20mA, VCE = 20V, f = 300MHz
60
Switching Characteristics
NTE123A
Delay Time
td
VCC = 30V, VBE(off) = 500mV,
10
ns
Rise Time
tr
IC = 150mA, IB1 =– 15mA
25
ns
Storage Time
ts
VCC = 30V, IC = 150mA,
225
ns
Fall Time
tf
IB1 = IB2 = 15mA
60
ns
NTE159M
Turn–On Time
ton
VCC = 30V, IC = 150mA,
26
45
ns
Delay Time
td
IB1 = 15mA
6
10
ns
Rise Time
tr
20
40
ns
Turn–Off Time
toff
VCC = 6V, IC = 150mA,
70
100
ns
Storage Time
ts
IB1 = IB2 = 15mA
50
80
ns
Fall Time
tf
20
30
ns
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
Note 2. fT is defined as the frequency at which |hfe| extrapolates to unity.


Similar Part No. - NTE159M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE159MCP NTE-NTE159MCP Datasheet
53Kb / 2P
   Silicon PNP Transistor Audio Amplifier, Switch (Compl to NTE123AP)
More results

Similar Description - NTE159M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Switch
NTE129P NTE-NTE129P Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
logo
New Jersey Semi-Conduct...
2N5447 NJSEMI-2N5447 Datasheet
130Kb / 1P
   COMPLEMENTARY SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NTE Electronics
NTE128P NTE-NTE128P Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE2648 NTE-NTE2648 Datasheet
60Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
   Silicon Complementary Transistors High Current, General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com