Electronic Components Datasheet Search |
|
T510X477M025AHE8007280 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T510X477M025AHE8007280 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2014_T510 • 9/21/2016 22 Tantalum Surface Mount Capacitors – Low ESR T510 Series Multiple Anode MnO 2 K-SIM Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET’sK-SIMsoftware.KEMET K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels. Ordering Information T 510 X 477 M 006 A T E800 Capacitor Class Series Case Size Capacitance Code(pF) Capacitance Tolerance Rated Voltage (VDC) FailureRate/ Design TerminationFinish ESR Packaging (C-Spec) T = Tantalum Multiple Anode LowESR E X Firsttwodigits represent significant figures.Thirddigit specifiesnumber of zeros. K = ±10% M = ±20% 004 = 4 006 = 6.3 010 = 10 016 = 16 020 = 20 025 = 25 035 = 35 050 = 50 A = N/A Z = N/A T = 100% Matte Tin (Sn)Plated H = Standard Solder Coated (SnPb5%Pbminimum) G = Gold Plated (A,B,C,D,Xonly) Lastthree digits specify ESRinmΩ. (800=800 mΩ) Blank = 7" Reel 7280 = 13" Reel Performance Characteristics Item Performance Characteristics Operating Temperature −55°Cto125°C Rated Capacitance Range 10–1,000µFat120Hz/25°C Capacitance Tolerance KTolerance(10%),MTolerance(20%) Rated Voltage Range 4 – 50 V DF(120Hz) RefertoPartNumberElectricalSpecificationTable ESR(100kHz) RefertoPartNumberElectricalSpecificationTable LeakageCurrent ≤0.01CV(µA)atratedvoltageafter5minutes |
Similar Part No. - T510X477M025AHE8007280 |
|
Similar Description - T510X477M025AHE8007280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |