Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2450BP14D0100 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 2450BP14D0100
Description  High Frequency Ceramic Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450BP14D0100 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  2450BP14D0100_12 Datasheet HTML 1Page - Johanson Technology Inc. 2450BP14D0100_12 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2450 MHz Band Pass Filter
P/N 2450BP14D0100
Detail Specification: 11/16/12
Page 1 of 2
Part Number Explanation
Mechanical Dimensions
L
±
±
W
±
±
T
±
±
a
±
±
b
±
±
c
+
+
d
+
+
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Ver 1.0
2012 Johanson Technology, Inc. All Rights Reserved
P/N Suffix
Eval board (50 ohm SMA)
2450BP14D0100-EB-SMA
50 Ω
Insertion Loss
Return Loss
Impedance
Input Power
2W max. (CW)
Suffix = S
Suffix = T
15 dB @ 7200 - 7500 MHz
Part Number
Frequency (MHz)
Attenuation (min.)
Attenuation (min.)
Attenuation (min.)
Attenuation (min.)
Attenuation (min.)
2450BP14D0100
2400 - 2500
30 dB @ 880 - 915 MHz
30 dB @ 1710 - 1785 MHz
25 dB @ 1850 - 1910 MHz
0.15
0.018
0.006
0.45
0.10
0.10
0.30
0.15
0.15
0.10
IN
0.60
0.70
4
GND
3
"High Frequency Ceramic Solutions"
1
OUT
Function
No.
GND
Terminal Configuration
mm
1.60
0.80
In
Tin / Lead
Reel Quanity
General Specifications
1.7 dB max.
9.5 dB max.
0.10
-40 to +85°C
4,000
-40 to +85°C
Operating Temperature
Storage Temperature
25 dB @ 4800 - 5000 MHz
Packing Style
Termination style
eg. 2450BP14D0100T
eg. 2450BP14D0100(T or S)/Pb
2
Bulk
T & R
eg. 2450BP14D0100(T or S)
eg. 2450BP14D0100S
0.063
0.004
100% Tin
0.006
0.004
0.004
0.004
0.004
0.006
0.031
0.024
0.028
0.012
0.10
Suffix = None
Suffix = /Pb
2
1
3
4
W
L
c
d
a
c
T
b


Similar Part No. - 2450BP14D0100_12

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP14D0100E JOHANSON-2450BP14D0100E Datasheet
126Kb / 2P
   2450 MHz Band Pass Filter
2450BP14D0100EPb JOHANSON-2450BP14D0100EPb Datasheet
126Kb / 2P
   2450 MHz Band Pass Filter
2450BP14D0100S JOHANSON-2450BP14D0100S Datasheet
126Kb / 2P
   2450 MHz Band Pass Filter
2450BP14D0100SPb JOHANSON-2450BP14D0100SPb Datasheet
126Kb / 2P
   2450 MHz Band Pass Filter
More results

Similar Description - 2450BP14D0100_12

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP39G5500 JOHANSON-2450DP39G5500 Datasheet
207Kb / 3P
   High Frequency Ceramic Solutions
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
   High Frequency Ceramic Solutions
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
2450BM14E0003 JOHANSON-2450BM14E0003 Datasheet
388Kb / 4P
   High Frequency Ceramic Solutions
0896BM15E0025 JOHANSON-0896BM15E0025 Datasheet
717Kb / 5P
   High Frequency Ceramic Solutions
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
0783FB15A0100E JOHANSON-0783FB15A0100E Datasheet
153Kb / 2P
   High Frequency Ceramic Solutions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com