Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T510E477K020ATE800 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T510E477K020ATE800
Description  T510 Series Multiple Anode MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510E477K020ATE800 Datasheet(HTML) 2 Page - Kemet Corporation

  T510E477K020ATE800 Datasheet HTML 1Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 2Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 3Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 4Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 5Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 6Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 7Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 8Page - Kemet Corporation T510E477K020ATE800 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2014_T510 • 9/21/2016
22
Tantalum Surface Mount Capacitors – Low ESR
T510 Series Multiple Anode MnO
2
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET’sK-SIMsoftware.KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Ordering Information
T
510
X
477
M
006
A
T
E800
Capacitor
Class
Series
Case
Size
Capacitance
Code(pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
FailureRate/
Design
TerminationFinish
ESR
Packaging
(C-Spec)
T =
Tantalum
Multiple
Anode
LowESR
E
X
Firsttwodigits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
K = ±10%
M = ±20%
004 = 4
006 = 6.3
010 = 10
016 = 16
020 = 20
025 = 25
035 = 35
050 = 50
A = N/A
Z = N/A
T = 100% Matte Tin
(Sn)Plated
H = Standard Solder
Coated
(SnPb5%Pbminimum)
G = Gold Plated
(A,B,C,D,Xonly)
Lastthree
digits specify
ESRinmΩ.
(800=800
mΩ)
Blank = 7" Reel
7280 = 13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°Cto125°C
Rated Capacitance Range
10–1,000µFat120Hz/25°C
Capacitance Tolerance
KTolerance(10%),MTolerance(20%)
Rated Voltage Range
4 – 50 V
DF(120Hz)
RefertoPartNumberElectricalSpecificationTable
ESR(100kHz)
RefertoPartNumberElectricalSpecificationTable
LeakageCurrent
≤0.01CV(µA)atratedvoltageafter5minutes


Similar Part No. - T510E477K020ATE800

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510E477K004AGE030 KEMET-T510E477K004AGE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510E477K004AHE030 KEMET-T510E477K004AHE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510E477K004ASE030 KEMET-T510E477K004ASE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510E477K004ATE030 KEMET-T510E477K004ATE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510E477K006AGE030 KEMET-T510E477K006AGE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T510E477K020ATE800

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
T510E107K025ATE050 KEMET-T510E107K025ATE050 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 10%, 25 V, 7360, SMD, MnO2, Molded, Large Case, Multi-Anode, LowESR, 50 mOhms, 3.8mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com