Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1765 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1765
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765 Datasheet(HTML) 3 Page - Linear Technology

  LT1765 Datasheet HTML 1Page - Linear Technology LT1765 Datasheet HTML 2Page - Linear Technology LT1765 Datasheet HTML 3Page - Linear Technology LT1765 Datasheet HTML 4Page - Linear Technology LT1765 Datasheet HTML 5Page - Linear Technology LT1765 Datasheet HTML 6Page - Linear Technology LT1765 Datasheet HTML 7Page - Linear Technology LT1765 Datasheet HTML 8Page - Linear Technology LT1765 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
3
sn1765 1765fas
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1765E is guaranteed to meet performance specifications
from 0
°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
FB Input Current
LT1765 (Adj)
q
– 0.25
– 0.5
µA
FB Input Resistance
LT1765
q
10.5
15
21
k
LT1765-1.8
q
14.7
21
30
k
LT1765-3.3
q
19
27.5
39
k
LT1765-5
q
29
42
60
k
FB Error Amp Voltage Gain
0.4V < VC < 0.9V
150
350
FB Error Amp Transconductance
∆IVC = ±10µA
q
500
850
1300
µMho
VC Pin Source Current
VFB = VNOM – 17%
q
80
120
160
µA
VC Pin Sink Current
VFB = VNOM + 17%
q
70
110
180
µA
VC Pin to Switch Current Transconductance
5
A/V
VC Pin Minimum Switching Threshold
Duty Cycle = 0%
0.4
V
VC Pin 3A ISW Threshold
0.9
V
Maximum Switch Duty Cycle
VC = 1.2V, ISW = 800mA, VIN = 6V
85
90
%
q
80
%
Minimum Boost Voltage Above Switch
ISW = 3A
q
1.8
2.7
V
Boost Current
ISW = 1A (Note 4)
q
20
30
mA
ISW = 3A (Note 4)
q
70
140
mA
SHDN Threshold Voltage
q
1.27
1.33
1.40
V
SHDN Threshold Current Hysteresis
q
47
10
µA
SHDN Input Current (Shutting Down)
SHDN = 60mV Above Threshold
q
–7
– 10
– 13
µA
SYNC Threshold Voltage
1.5
2.2
V
SYNC Input Frequency
1.6
2
MHz
SYNC Pin Resistance
ISYNC = 1mA
20
k
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, VC = 0.8V, Boost = VIN + 5V, SHDN, SYNC and switch open unless otherwise noted.
Note 3: Minimum input voltage is defined as the voltage where the internal
regulator enters lockout. Actual minimum input voltage to maintain a
regulated output will depend on output voltage and load current. See
Applications Information.
Note 4: Current flows into the BOOST pin only during the on period of the
switch cycle.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - LT1765

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765 LINER-LT1765 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com