Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2212FBD144 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2212FBD144
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212FBD144 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2212FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 10Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 11Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 12Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 13Page - NXP Semiconductors LPC2212FBD144 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Philips Semiconductors
LPC2212/LPC2214
16/32-bit ARM microcontrollers with external memory interface
Product data
Rev. 02 — 23 December 2004
10 of 40
9397 750 13149
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P3.28
28
O
BLS3 — Low-active Byte Lane Select signal (Bank 3).
I
AIN7 — A/D converter, input 7. This analog input is always connected to its
pin.
P3.29
27
O
BLS2 — Low-active Byte Lane Select signal (Bank 2).
I
AIN6 — A/D converter, input 6. This analog input is always connected to its
pin.
P3.30
97
O
BLS1 — Low-active Byte Lane Select signal (Bank 1).
P3.31
96
O
BLS0 — Low-active Byte Lane Select signal (Bank 0).
NC
22
Pin not connected.
RESET
135
I
External Reset input: A LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
142
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
141
O
Output from the oscillator amplifier.
VSS
3, 9, 26, 38,
54, 67, 79,
93, 103, 107,
111, 128
I
Ground: 0 V reference.
VSSA
139
I
Analog Ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VSSA_PLL
138
I
PLL Analog Ground: 0 V reference. This should nominally be the same
voltage as VSS, but should be isolated to minimize noise and error.
V18
37, 110
I
1.8 V Core Power Supply: This is the power supply voltage for internal
circuitry.
V18A
143
I
Analog 1.8 V Core Power Supply: This is the power supply voltage for
internal circuitry. This should be nominally the same voltage as V18 but should
be isolated to minimize noise and error.
V3
2, 31, 39, 51,
57, 77, 94,
104, 112, 119
I
3.3 V Pad Power Supply: This is the power supply voltage for the I/O ports.
V3A
14
I
Analog 3.3 V Pad Power Supply: This should be nominally the same voltage
as V3 but should be isolated to minimize noise and error.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description


Similar Part No. - LPC2212FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2212FBD144 PHILIPS-LPC2212FBD144 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212FBD144 NXP-LPC2212FBD144 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212FBD144 NXP-LPC2212FBD144 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2212FBD144/00 NXP-LPC2212FBD144/00 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212FBD144/01 NXP-LPC2212FBD144/01 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results

Similar Description - LPC2212FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 PHILIPS-LPC2212_08 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 PHILIPS-LPC2292 Datasheet
188Kb / 40P
   16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
Rev. 01-05 February 2004
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com