Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1976 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1976
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976 Datasheet(HTML) 1 Page - Linear Technology

  LT1976 Datasheet HTML 1Page - Linear Technology LT1976 Datasheet HTML 2Page - Linear Technology LT1976 Datasheet HTML 3Page - Linear Technology LT1976 Datasheet HTML 4Page - Linear Technology LT1976 Datasheet HTML 5Page - Linear Technology LT1976 Datasheet HTML 6Page - Linear Technology LT1976 Datasheet HTML 7Page - Linear Technology LT1976 Datasheet HTML 8Page - Linear Technology LT1976 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1976
1
1976f
s
High Voltage Power Conversion
s
14V and 42V Automotive Systems
s
Industrial Power Systems
s
Distributed Power Systems
s
Battery-Powered Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Wide Input Range: 3.3V to 60V
s
1.5A Peak Switch Current
s
Burst Mode
® Operation: 100
µA Quiescent Current**
s
Low Shutdown Current: IQ < 1µA
s
Power Good Flag with Programmable Threshold
s
Load Dump Protection to 60V
s
200kHz Switching Frequency
s
Saturating Switch Design: 0.2
Ω On-Resistance
s
Peak Switch Current Maintained Over
Full Duty Cycle Range*
s
1.25V Feedback Reference Voltage
s
Easily Synchronizable
s
Soft-Start Capability
s
Small 16-Pin Thermally Enhanced TSSOP Package
High Voltage 1.5A, 200kHz
Step-Down Switching Regulator
with 100
µA Quiescent Current
Burst Mode is a registered trademark of Linear Technology Corporation.
*U.S. Patent 6,498,466 **See Burst Mode Operation section for conditions
The LT
®1976 is a 200kHz monolithic buck switching
regulator that accepts input voltages up to 60V. A high
efficiency 1.5A, 0.2
Ω switch is included on the die along
with all the necessary oscillator, control and logic cir-
cuitry. Current mode topology is used for fast transient
response and good loop stability.
Innovative design techniques along with a new high volt-
age process achieve high efficiency over a wide input
range. Efficiency is maintained over a wide output current
range by employing Burst Mode operation at low currents,
utilizing the output to bias the internal circuitry, and by
using a supply boost capacitor to fully saturate the power
switch. Patented circuitry maintains peak switch current
over the full duty cycle range.* Shutdown reduces input
supply current to less than 1
µA. External synchronization
can be implemented by driving the SYNC pin with logic-level
inputs. A single capacitor from the CSS pin to the output
provides a controlled output voltage ramp (soft-start). The
device also has a power good flag with a programmable
threshold and time-out and thermal shutdown protection.
The LT1976 is available in a 16-pin TSSOP package with
exposed pad leadframe for low thermal resistance.
VIN
SHDN
VC
BOOST
VBIAS
FB
PGFB
PG
LT1976
4.7
µF
100V
CER
100pF
0.33
µF
0.1
µF
33
µH
4148
1
µF
SYNC
CT
GND
100
µF
6.3V
TANT
VOUT
3.3V
1A
VIN
3.3V TO 60V
10MQ100N
0.047
µF
12.5k
165k
1%
100k
1%
1976 TA01
27pF
SW
CSS
14V to 3.3V Step-Down Converter with
100
µA No Load Quiescent Current
Efficiency vs Load Current
LOAD CURRENT (A)
0.0001
0
20
40
60
0.001
0.01
0.1
1
1976 TA02
80
100
10
30
50
70
90
10
VOUT = 5V
VOUT = 3.3V
TA = 25°C
Supply Current vs
Input Voltage
INPUT VOLTAGE (V)
0
0
50
100
10
20
30
40
1976 F05
50
150
25
75
125
60
VOUT = 3.3V
TA = 25°C
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1976

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976 Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976 LINER-LT1976 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1976 LINER-LT1976 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1976 LINER-LT1976 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results

Similar Description - LT1976

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com