Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1976EFE Datasheet(PDF) 8 Page - Linear Technology

Part # LT1976EFE
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976EFE Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1976EFE Datasheet HTML 4Page - Linear Technology LT1976EFE Datasheet HTML 5Page - Linear Technology LT1976EFE Datasheet HTML 6Page - Linear Technology LT1976EFE Datasheet HTML 7Page - Linear Technology LT1976EFE Datasheet HTML 8Page - Linear Technology LT1976EFE Datasheet HTML 9Page - Linear Technology LT1976EFE Datasheet HTML 10Page - Linear Technology LT1976EFE Datasheet HTML 11Page - Linear Technology LT1976EFE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1976
8
1976f
BLOCK DIAGRA
12
FB
VC
Σ
15
INTERNAL REF
UNDERVOLTAGE
LOCKOUT
THERMAL
SHUTDOWN
SOFT-START
FOLDBACK
DETECT
SLOPE
COMP
ANTISLOPE
COMP
1.2V CT
CLAMP
2.4V
+
1.3V
1.25V
SHDN
9
CSS
14
SYNC
10
BIAS
4
VIN
SHDN
COMP
+
+
ERROR
AMP
11
13
PGFB
CT
1.12V
+
PG
COMP
7
BURST MODE
DETECT
200kHz
OSCILLATOR
SWITCH
LATCH
CURRENT
COMP
DRIVER
CIRCUITRY
R
Q
SW
S
2
BOOST
6
PG
16
GND 17
PGND
1976 BD
8
VC
CLAMP
The LT1976 is a constant frequency, current mode buck
converter. This means that there is an internal clock and two
feedback loops that control the duty cycle of the power
switch. In addition to the normal error amplifier, there is a
current sense amplifier that monitors switch current on a
cycle-by-cycle basis. A switch cycle starts with an oscilla-
tor pulse which sets the RS latch to turn the switch on. When
switch current reaches a level set by the current compara-
tor the latch is reset and the switch turns off. Output volt-
age control is obtained by using the output of the error
amplifier to set the switch current trip point. This technique
means that the error amplifier commands current to be
delivered to the output rather than voltage. A voltage fed
system will have low phase shift up to the resonant fre-
quency of the inductor and output capacitor, then an abrupt
180
° shift will occur. The current fed system will have 90°
phase shift at a much lower frequency, but will not have the
additional 90
° shift until well beyond the LC resonant fre-
quency. This makes it much easier to frequency compen-
sate the feedback loop and also gives much quicker tran-
sient response.
Most of the circuitry of the LT1976 operates from an
internal 2.4V bias line. The bias regulator normally draws
Figure 1. LT1976 Block Diagram


Similar Part No. - LT1976EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976EFE LINER-LT1976EFE Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results

Similar Description - LT1976EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com