Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1976EFE Datasheet(PDF) 6 Page - Linear Technology

Part # LT1976EFE
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976EFE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1976EFE Datasheet HTML 2Page - Linear Technology LT1976EFE Datasheet HTML 3Page - Linear Technology LT1976EFE Datasheet HTML 4Page - Linear Technology LT1976EFE Datasheet HTML 5Page - Linear Technology LT1976EFE Datasheet HTML 6Page - Linear Technology LT1976EFE Datasheet HTML 7Page - Linear Technology LT1976EFE Datasheet HTML 8Page - Linear Technology LT1976EFE Datasheet HTML 9Page - Linear Technology LT1976EFE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1976
6
1976f
PI FU CTIO S
NC (Pins 1, 3, 5): No Connection.
SW (Pin 2): The SW pin is the emitter of the on-chip power
NPN switch. This pin is driven up to the input pin voltage
during switch on time. Inductor current drives the SW pin
negative during switch off time. Negative voltage is clamped
with the external catch diode. Maximum negative switch
voltage allowed is –0.8V.
VIN (Pin 4): This is the collector of the on-chip power NPN
switch. VIN powers the internal control circuitry when a
voltage on the BIAS pin is not present. High di/dt edges
occur on this pin during switch turn on and off. Keep the
path short from the VIN pin through the input bypass
capacitor, through the catch diode back to SW. All trace
inductance on this path will create a voltage spike at switch
off, adding to the VCE voltage across the internal NPN.
BOOST (Pin 6): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Without this added voltage, the
typical switch voltage loss would be about 1.5V. The
additional BOOST voltage allows the switch to saturate
and its voltage loss approximates that of a 0.2
Ω FET
structure, but with much smaller die area.
CT (Pin 7): A capacitor on the CT pin determines the amount
of delay time between the PGFB pin exceeding its thresh-
old (VPGFB) and the PG pin set to a high impedance state.
When the PGFB pin rises above VPGFB, current is sourced
from the CT pin into the external capacitor. When the volt-
age on the external capacitor reaches an internal clamp
(VCT), the PG pin becomes a high impedance node. The
resultant PG delay time is given by t = CCT • VCT/ICT. If the
voltage on the PGFB pin drops below VPGFB, CCT will be
discharged rapidly to 0V and PG will be active low with a
200
µAsinkcapability.IftheCTpinisclamped(PowerGood
condition) during normal operation and SHDN is taken low,
the CT pin will be discharged and a delay period will occur
when SHDN is returned high. See the Power Good section
in Applications Information for details.
GND (Pins 8, 17): The GND pin connection acts as the
reference for the regulated output, so load regulation will
suffer if the “ground” end of the load is not at the same
voltage as the GND pin of the IC. This condition will occur
when load current or other currents flow through metal
paths between the GND pin and the load ground. Keep the
path between the GND pin and the load ground short and
use a ground plane when possible. The GND pin also acts
as a heat sink and should be soldered (along with the
exposed leadframe) to the copper ground plane to reduce
thermal resistance (see Applications Information).
No Load 1A Step Response
Step Response
VOUT
100mV/DIV
IOUT
500mA/DIV
VIN = 12V
TIME (1ms/DIV)
1976 G17
VOUT = 3.3V
COUT = 47µF
VOUT
100mV/DIV
IOUT
500mA/DIV
VIN = 12V
TIME (1ms/DIV)
1976 G18
VOUT = 3.3V
COUT = 47µF
IDC = 250mA
0A
1A
0A
1A
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1976EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976EFE LINER-LT1976EFE Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results

Similar Description - LT1976EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com