Electronic Components Datasheet Search |
|
T510E477K025AGE800 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T510E477K025AGE800 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2014_T510 • 9/21/2016 77 Tantalum Surface Mount Capacitors – Low ESR T510 Series Multiple Anode MnO 2 Reverse Voltage Solid tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected with the wrong polarity.Thepositiveterminalisidentifiedonthecapacitorbodybyastripeplusinsomecasesabevelededge.Asmall degree of transient reverse voltage is permissible for short periods per the table. The capacitors should not be operated continuously in reverse mode, even within these limits. Temperature Permissible Transient Reverse Voltage 25°C 15% of Rated Voltage 85°C 5% of Rated Voltage 125°C 1% of Rated Voltage Table 2 – Land Dimensions/Courtyard KEMET Metric Size Code Density Level A: Maximum (Most) Land Protrusion (mm) Density Level B: Median (Nominal) Land Protrusion (mm) Density Level C: Minimum (Least) Land Protrusion (mm) Case EIA W L S V1 V2 W L S V1 V2 W L S V1 V2 E1 7360–38 4.25 2.77 3.67 10.22 7.30 4.13 2.37 3.87 9.12 6.80 4.03 1.99 4.03 8.26 6.54 X1 7343–43 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder processes. Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes. Density Level C: For high component desity product applications. Before adapting the minimum land pattern variations the user should perform qualification testing based on the conditions outlined in IPC standard 7351 (IPC–7351). 1 Height of these chips may create problems in wave soldering. 2 Land pattern geometry is too small for silkscreen outline. L S W W L V1 V2 Grid Placement Courtyard |
Similar Part No. - T510E477K025AGE800 |
|
Similar Description - T510E477K025AGE800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |