Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR0800103 Datasheet(PDF) 2 Page - Alpha Wire

Part # DR0800103
Description  M12-A Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR0800103 Datasheet(HTML) 2 Page - Alpha Wire

  DR0800103 Datasheet HTML 1Page - Alpha Wire DR0800103 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DR0800103
M12-A Male
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
d
d
l
l
l
d
) h
f l h h b
d
d f h
b l
f
h d
Applicable Specifications-
Cable
UL
AWM/STYLE 2661
105°C / 300 VRMS
CSA International
C(RU) AWM I/II A/B FT1
105°C / 300 VRMS
Applicable Specifications-
Cord Set
UL
ANSI/UL 2238, Cable Assembly Extension
RU, UL File Number E485156
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Nominal Voltage
30 V
Rated Voltage
36 V
Ingress Protection
IP67/NEMA 6P
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-40 to 105°C(static), -15 to 105°C (dynamic)
Temperature Range,
Connector
-25°C to +80°C
Bend Radius
7X Cable Diameter (static), 10X Cable
Diameter (dynamic)
Pull Tension
30 Lbs, Maximum
Current Rating
1.4 Amps @ 50°C
Ordering Information
DR0800103 SL355
0.6 Meters
DR0800103 SL356
1.0 Meters
DR0800103 SL357
3.0 Meters
DR0800103 SL358
5.0 Meters
DR0800103 SL359
10.0 Meters
DR0800103 SL400
15.0 Meters
DR0800103 SL401
20.0 Meters
Standard Package
Each


Similar Part No. - DR0800103

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
   M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
   M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
   M12-A Male
DR0800128 ALPHAWIRE-DR0800128 Datasheet
170Kb / 3P
   M12-A Male
More results

Similar Description - DR0800103

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR0500106 ALPHAWIRE-DR0500106 Datasheet
160Kb / 2P
   M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
   M12-A Male
DR0400105 ALPHAWIRE-DR0400105 Datasheet
157Kb / 2P
   M12-A Male
DR0300100 ALPHAWIRE-DR0300100 Datasheet
155Kb / 2P
   M12-A Male
DR0300104 ALPHAWIRE-DR0300104 Datasheet
155Kb / 2P
   M12-A Male
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
   M12-A Male
DR08AR128 ALPHAWIRE-DR08AR128 Datasheet
220Kb / 3P
   M12-A Male
DR0400101 ALPHAWIRE-DR0400101 Datasheet
156Kb / 2P
   M12-A Male
DR0500102 ALPHAWIRE-DR0500102 Datasheet
161Kb / 2P
   M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
   M12-A Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com