Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1704B Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1704B
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1704B Datasheet HTML 6Page - Linear Technology LTC1704B Datasheet HTML 7Page - Linear Technology LTC1704B Datasheet HTML 8Page - Linear Technology LTC1704B Datasheet HTML 9Page - Linear Technology LTC1704B Datasheet HTML 10Page - Linear Technology LTC1704B Datasheet HTML 11Page - Linear Technology LTC1704B Datasheet HTML 12Page - Linear Technology LTC1704B Datasheet HTML 13Page - Linear Technology LTC1704B Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC1704/LTC1704B
10
1704bfa
OVERVIEW
The LTC1704 includes a step-down (buck), voltage mode
feedback switching regulator controller and a linear regu-
lator controller. The switching regulator controller em-
ploys a synchronous switching architecture with two
external N-channel MOSFETs. The chip operates from a
low voltage input supply (6V maximum) and provides high
power, high efficiency, precisely regulated output voltage.
The switcher output regulation is extremely tight, with
initial accuracy and DC line and load regulation and better
than 1.5%. Total regulation, including transient response,
is inside of 3.5% with a properly designed circuit. The
550kHz switching frequency allows the use of physically
small, low value external components without compro-
mising performance.
The LTC1704’s internal feedback amplifier is a 20MHz gain
bandwidth op amp, allowing the use of complex multipole/
zero compensation networks. This allows the feedback
loop to maintain acceptable phase margin at higher fre-
quencies than traditional switching regulator controllers,
improving stability and maximizing transient response.
The 800mV internal reference allows regulated output
voltages as low as 800mV without external level shifting
amplifiers. The LTC1704’s synchronous switching logic
transitions automatically into Burst Mode operation, maxi-
mizing efficiency with light loads.
The linear regulator controller drives an external NPN pass
transistor to provide a programmable output voltage up to
2A of current. An external pull-up resistor programs the
current limit threshold for the linear regulator. Under
short-circuit condition, the foldback current limit circuitry
prevents excessive pass transistor heating. The switcher
and the linear regulator can be individually disabled. When
both controllers are disabled, the LTC1704 enters shut-
down mode and the supply current reduces to 75
µA. An
onboard power good (PGOOD) flag goes high when both
outputs are regulating.
Small Footprint
The LTC1704 switcher supply operates at a 550kHz switch-
ing frequency, allowing it to use low value inductors
without generating excessive ripple currents. Because the
inductor stores less energy per cycle, the physical size of
the inductor can be reduced without risking core satura-
tion, saving PCB board space. The high operating fre-
quency also means less energy is stored in the output
capacitors between cycles, minimizing their required value
and size. The remaining components, including the
LTC1704, are tiny, allowing an entire power convertor to
be constructed in 1.5in2 of PCB space.
Fast Transient Response
The LTC1704 switcher supply uses a fast 20MHz GBW op
amp as an error amplifier. This allows the compensation
network to be designed with several poles and zeros in a
more flexible configuration than with a typical gm feedback
amplifier. The high bandwidth of the amplifier, coupled
with the high switching frequency and the low values of the
external inductor and output capacitor, allow very high
loop crossover frequencies. The low inductor value is the
other half of the equation—with a typical value on the
order of 1
µH, the inductor allows very fast di/dt slew rates.
The result is superior transient response compared with
conventional solutions.
High Efficiency
The LTC1704 switcher supply uses a synchronous step-
down (buck) architecture, with two external N-channel
MOSFETs. A floating topside driver and a simple external
charge pump provide full gate drive to the upper MOSFET.
The voltage mode feedback loop and MOSFET VDS current
limit sensing remove the need for an external current
sense resistor, eliminating an external component and a
source of power loss in the high current path. Properly
designed circuits using low gate charge MOSFETs are
capable of efficiencies exceeding 90% over a wide range
of output voltages.
Linear Regulator Controller
The LTC1704 linear regulator controller drives an exter-
nal NPN pass transistor in emitter-follower configuration
to provide an externally adjustable output voltage. The con-
troller senses the output voltage via the REGFB pin, drives
the base of the NPN through the REGDR pin to regulate
the REGFB pin to 0.8V. REGDR is capable of sourcing more
than 30mA of base current to the external NPN.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1704B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704BEGN LINER-LTC1704BEGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results

Similar Description - LTC1704B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com