Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1403ACMSE Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1403ACMSE
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403ACMSE Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1403ACMSE Datasheet HTML 7Page - Linear Technology LTC1403ACMSE Datasheet HTML 8Page - Linear Technology LTC1403ACMSE Datasheet HTML 9Page - Linear Technology LTC1403ACMSE Datasheet HTML 10Page - Linear Technology LTC1403ACMSE Datasheet HTML 11Page - Linear Technology LTC1403ACMSE Datasheet HTML 12Page - Linear Technology LTC1403ACMSE Datasheet HTML 13Page - Linear Technology LTC1403ACMSE Datasheet HTML 14Page - Linear Technology LTC1403ACMSE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1403/LTC1403A
1403af
INPUT SPAN VERSUS REFERENCE VOLTAGE
The differential input range has a unipolar voltage span
that equals the difference between the voltage at the
reference buffer output VREF at Pin 3, and the voltage at the
ground (Exposed Pad Ground). The differential input
range of the ADC is 0V to 2.5V when using the internal
reference. The internal ADC is referenced to these two
nodes. This relationship also holds true with an external
reference.
DIFFERENTIAL INPUTS
The LTC1403/LTC1403A has a unique differential sample-
and-hold circuit that allows inputs from ground to VDD.
The ADC will always convert the unipolar difference of
AIN+ – AIN–, independent of the common mode voltage at
the inputs. The common mode rejection holds up at
extremely high frequencies, see Figure 3. The only require-
ment is that both inputs not go below ground or exceed
VDD. Integral nonlinearity errors (INL) and differential
nonlinearity errors (DNL) are largely independent of the
common mode voltage. However, the offset error will
vary. The change in offset error is typically less than 0.1%
of the common mode voltage.
Figure 4 shows the ideal input/output characteristics for
the LTC1403/LTC1403A. The code transitions occur mid-
way between successive integer LSB values (i.e., 0.5LSB,
1.5LSB, 2.5LSB, FS – 1.5LSB). The output code is natural
binary with 1LSB = 2.5V/16384 = 153
µVfortheLTC1403A,
and 1LSB = 2.5V/4096 = 610
µV for the LTC1403. The
LTC1403A has 1LSB RMS of random white noise.
Figure 3
Figure 4
APPLICATIO S I FOR ATIO
LTC1403/LTC1403A Transfer
Characteristic
CMRR vs Frequency
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
1403A F03
10M
100M
INPUT VOLTAGE (V)
1403A F05
111...111
111...110
111...101
000...000
000...001
000...010
FS – 1LSB
0


Similar Part No. - LTC1403ACMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403ACMSE-1 LINER-LTC1403ACMSE-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC1403ACMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com