Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3733CUHF-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3733CUHF-1
Description  3-Phase, Buck Controllers for AMD CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733CUHF-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3733CUHF-1 Datasheet HTML 7Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 8Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 9Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 10Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 11Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 12Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 13Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 14Page - Linear Technology LTC3733CUHF-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC3733/LTC3733-1
3733f
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The IC uses a constant frequency, current mode step-
down architecture. During normal operation, each top
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the main current
comparator, I1, resets each RS latch. The peak inductor
current at which I1 resets the RS latch is controlled by the
voltage on the ITH pin, which is the output of the error
amplifier EA. The EAIN pin receives a portion of the voltage
feedback signal via the DIFFOUT pin through the internal
VID DAC and is compared to the internal reference voltage.
When the load current increases, it causes a slight de-
crease in the EAIN pin voltage relative to the 0.6V refer-
ence, which in turn causes the ITH voltage to increase until
each inductor’s average current matches one third of the
new load current (assuming all three current sensing
resistors are equal). In Burst Mode operation and stage
shedding mode, after each top MOSFET has turned off, the
bottom MOSFET is turned on until either the inductor
current starts to reverse, as indicated by current compara-
tor I2, or the beginning of the next cycle.
The top MOSFET drivers are biased from floating boot-
strap capacitor CB, which is normally recharged during
each off cycle through an external Schottky diode. When
VIN decreases to a voltage close to VOUT, however, the
loop may enter dropout and attempt to turn on the top
MOSFET continuously. The dropout detector counts the
number of oscillator cycles that the bottom MOSFET
remains off and periodically forces a brief on period to
allow CB to recharge.
The main control loop is shut down by pulling the RUN pin
low. Releasing RUN allows an internal 1.5
µA current
source to charge soft-start capacitor CSS at the SS pin. The
internal ITH voltage is then clamped to the SS voltage when
CSS is slowly charged up. This “soft-start” clamping
prevents abrupt current from being drawn from the input
power source. When the RUN pin is low, all functions are
kept in a controlled state.
Low Current Operation
The FCB pin is a multifunction pin: 1) an analog compara-
tor input to provide regulation for a secondary winding by
forcing temporary forced PWM operation and 2) a logic
input to select between three modes of operation.
When the FCB pin voltage is below 0.6V, the controller
performs as a continuous, PWM current mode synchro-
nous switching regulator. The top and bottom MOSFETs
are alternately turned on to maintain the output voltage
independent of direction of inductor current. When the
FCB pin is below VCC – 1V but greater than 0.6V, the
controller performs as a Burst Mode switching regulator.
Burst Mode operation sets a minimum output current level
before turning off the top switch and turns off the synchro-
nous MOSFET(s) when the inductor current goes nega-
tive. This combination of requirements will, at low current,
force the ITH pin below a voltage threshold that will
temporarily shut off both output MOSFETs until the output
voltage drops slightly. There is a burst comparator having
60mV of hysteresis tied to the ITH pin. This hysteresis
results in output signals to the MOSFETs that turn them on
for several cycles, followed by a variable “sleep” interval
depending upon the load current. The resultant output
voltage ripple is held to a very small value by having the
hysteretic comparator after the error amplifier gain block.
When the FCB pin is tied to the VCC pin, Burst Mode
operation is disabled and the forced minimum inductor
current requirement is removed. This provides constant
frequency, discontinuous current operation over the wid-
est possible output current range. At approximately 10%
of maximum designed load current, the second and third
output stages are shut off and the first controller alone is
active in discontinuous current mode. This “stage shed-
ding” optimizes efficiency by eliminating the gate charging
losses and switching losses of the other two output
stages. Additional cycles will be skipped when the output
load current drops below 1% of maximum designed load
current in order to maintain the output voltage. This
constant frequency operation is not as efficient as Burst
Mode operation at very light loads, but does provide lower
noise, constant frequency operating mode down to very
light load conditions.
Tying the FCB pin to ground will force continuous current
operation. This is the least efficient operating mode, but
may be desirable in certain applications. The output can


Similar Part No. - LTC3733CUHF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
More results

Similar Description - LTC3733CUHF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
   Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Linear Technology
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
Renesas Technology Corp
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com