Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR03HR100 Datasheet(PDF) 1 Page - Alpha Wire

Part # GR03HR100
Description  M8 Female to M8 Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

GR03HR100 Datasheet(HTML) 1 Page - Alpha Wire

  GR03HR100 Datasheet HTML 1Page - Alpha Wire GR03HR100 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: GR03HR100
M8 Female to M8 Male
Drawings
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
100
Component 1
3 COND
a) Conductor
22 (26/36) AWG Bare Copper
0.027
b) Insulation
0.010” Wall, Nom. mPPE
0.047
Insulation Colors
Black, Brown & Blue
Jacket
0.046” Wall, Nom. PUR, Zero Halogen
0.200
a) Color(s)
SLATE
Cord Configuration
End 1
M8 Female
End 2
M8 Male
Insert
Black TPU
Mold Color
Black TPU
Contact
Copper Alloy, Gold plated
Coupling Nut
Copper Alloy, Nickel plated
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
AWM/STYLE 20549
AWM/STYLE 21959
80°C / 300 VRMS
90°C / 600 VRMS
CSA International
C(RU) AWM I/II A/B FT1
90°C / 600 VRMS
Applicable Specifications-
Cord Set
UL
ANSI/UL 2238, Cable Assembly Extension
RU, UL File Number E485156


Similar Part No. - GR03HR100

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
   M8 Female
logo
Murata Manufacturing Co...
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR03HR100

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR04HR101 ALPHAWIRE-GR04HR101 Datasheet
143Kb / 2P
   M8 Female to M8 Male
HR04GW101 ALPHAWIRE-HR04GW101 Datasheet
154Kb / 2P
   M8 Male to M8 90 Degree Female
HR03GW100 ALPHAWIRE-HR03GW100 Datasheet
145Kb / 2P
   M8 Male to M8 90 Degree Female
DR03GR100 ALPHAWIRE-DR03GR100 Datasheet
148Kb / 2P
   M12-A Male to M8 Female
DR04GR101 ALPHAWIRE-DR04GR101 Datasheet
149Kb / 2P
   M12-A Male to M8 Female
SPL003 ALPHAWIRE-SPL003 Datasheet
193Kb / 2P
   M12 Male to 2X M8 Female Splitter
HR0300100 ALPHAWIRE-HR0300100 Datasheet
149Kb / 2P
   M8 Male
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
   M8 Female
GR0400101 ALPHAWIRE-GR0400101 Datasheet
151Kb / 2P
   M8 Female
HR0400101 ALPHAWIRE-HR0400101 Datasheet
149Kb / 2P
   M8 Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com