Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIT-221-4 Datasheet(PDF) 2 Page - Alpha Wire

Part # FIT-221-4
Description  All materials used in the manufacture of this part are in compliance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-221-4 Datasheet(HTML) 2 Page - Alpha Wire

  FIT-221-4 Datasheet HTML 1Page - Alpha Wire FIT-221-4 Datasheet HTML 2Page - Alpha Wire FIT-221-4 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Physical & Mechanical Properties
1) Temperature Range
-55 to 135°C
2) Shrink Ratio
Approximately 2:1
3) Full Recovery Temperature
121°C
4) Minimum Shrink Temperature
90°C
5) Tensile Strength
1500psi, Min
ASTM D638
6) Elongation
200%, Min
ASTM D638
7) Low Temperature Flex(-55°C)
no cracking
AMS-DTL-23053
8) Heat Shock(250°C,4hrs)
no cracking
AMS-DTL-23053
9) Secant Modulus
2.5x10 4 psi, Min
ASTM D882
10) Longitudinal Change
+/-5%
AMS-DTL-23053
11) Specific Gravity(Colors)
1.35, Max
ASTM D792
Specific Gravity(Clear)
1.00, Max
12) Shelf Life
5 Years @ 18 to 35°C
Electrical Properties
1) Dielectric Strength
500 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 14 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
0.50%, Max
ASTM D570
2) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
3) Fluid Resistance(23°C,24 Hrs)
1000 PSI, Min
AMS-DTL-23053
4) Fungus Resistance
Pass
AMS-DTL-23053
5) Vacuum Outgassing - CVCM
0.10%, Max
ASTM E595
6) Halogen Free
No
7) Lead Free
Yes
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARY
Notice to persons receiving this document and/or technical information. This document is confidential and is the exclusive property of ALPHA WIRE,
and is merely on loan and subject to recall by ALPHA WIRE at any time.  By taking possession of this document, the recipient acknowledges and
agrees that this document cannot be used in any manner adverse to the interests of ALPHA WIRE, and that no portion of this document may be
copied or otherwise reproduced without the prior written consent of ALPHA WIRE.  In the case of conflicting contractual provisions, this notice shall
govern the status of this document.  ©2013 ALPHA WIRE - all rights reserved.


Similar Part No. - FIT-221-4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-221-4IN ALPHAWIRE-FIT-221-4IN Datasheet
107Kb / 4P
   Customer Specification
FIT-221-4IN ALPHAWIRE-FIT-221-4IN Datasheet
105Kb / 4P
   Customer Specification
9/14/2022
FIT-221-4IN ALPHAWIRE-FIT-221-4IN_V01 Datasheet
105Kb / 4P
   Customer Specification
9/14/2022
More results

Similar Description - FIT-221-4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD3 ALPHAWIRE-XHD3 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD5 ALPHAWIRE-XHD5 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
   All materials used in the manufacture of this part are in compliance
XFR21 ALPHAWIRE-XFR21 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD2IN ALPHAWIRE-XHD2IN Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-221-MS-1 ALPHAWIRE-FIT-221-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
297 ALPHAWIRE-297 Datasheet
107Kb / 2P
   All materials used in the manufacture of this part are in compliance
XHD11 ALPHAWIRE-XHD11 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com