Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L3223DTL Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M368L3223DTL
Description  256MB DDR SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L3223DTL Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M368L3223DTL Datasheet HTML 4Page - Samsung semiconductor M368L3223DTL Datasheet HTML 5Page - Samsung semiconductor M368L3223DTL Datasheet HTML 6Page - Samsung semiconductor M368L3223DTL Datasheet HTML 7Page - Samsung semiconductor M368L3223DTL Datasheet HTML 8Page - Samsung semiconductor M368L3223DTL Datasheet HTML 9Page - Samsung semiconductor M368L3223DTL Datasheet HTML 10Page - Samsung semiconductor M368L3223DTL Datasheet HTML 11Page - Samsung semiconductor M368L3223DTL Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev. 0.2 May. 2002
M368L3223DTL
184pin Unbuffered DDR SDRAM MODULE
8. I/O Setup/Hold Plateau Derating
This derating table is used to increase tDS/tDH in the case where the input level is flat below VREF
± 310mV for a duration of
up to 2ns.
9. I/O Delta Rise/Fall Rate(1/slew-rate) Derating
This derating table is used to increase tDS/tDH in the case where the DQ and DQS slew rates differ. The Delta Rise/Fall Rate
is calated as 1/SlewRate1-1/SlewRate2. For example, if slew rate 1 = 5V/ns and slew rate 2 =.4V/ns then the Delta Rise/Fall
Rate =-0/5ns/V. Input S/H slew rate based on larger of AC-AC delta rise/fall rate and DC-DC delta rise/fall rate.
10. This parameter is fir system simulation purpose. It is guranteed by design.
11. For each of the terms, if not already an integer, round to the next highest integer. tCK is actual to the system clock cyc le time.
I/O Input Level
∆tDS
∆tDH
(mV)
(ps)
(ps)
± 280
+50
+50
Delta Rise/Fall Rate
∆tDS
∆tDH
(ns/V)
(ps)
(ps)
0
0
0
±0.25
+50
+50
±0.5
+100
+100
The following table specifies derating values for the specifications listed if the single-ended clock skew rate is less than 1.0V/ns.
CK slew rate
(Single ended)
∆tIH/tIS
(ps)
∆tDSS/tDSH
(ps)
∆tAC/tDQSCK
(ps)
∆tLZ(min)
(ps)
∆tHZ(max)
(ps)
1.0V/ns
0
0
0
0
0
0.75V/ns
+50
+50
+50
-50
+50
0.5V/ns
+100
+100
+100
-100
+100
<Reference>


Similar Part No. - M368L3223DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - M368L3223DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com